データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT123A データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AHCT123A
部品情報  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT123A データシート(HTML) 3 Page - NXP Semiconductors

  74AHCT123A Datasheet HTML 1Page - NXP Semiconductors 74AHCT123A Datasheet HTML 2Page - NXP Semiconductors 74AHCT123A Datasheet HTML 3Page - NXP Semiconductors 74AHCT123A Datasheet HTML 4Page - NXP Semiconductors 74AHCT123A Datasheet HTML 5Page - NXP Semiconductors 74AHCT123A Datasheet HTML 6Page - NXP Semiconductors 74AHCT123A Datasheet HTML 7Page - NXP Semiconductors 74AHCT123A Datasheet HTML 8Page - NXP Semiconductors 74AHCT123A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Mar 15
3
Philips Semiconductors
Product specification
Dual retriggerable monostable multivibrator
with reset
74AHC123A;
74AHCT123A
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) × CEXT × VCC2 × fo +D × 16 × VCC where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
D = duty factor in %;
CL = output load capacitance in pF;
CEXT = timing capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
CL = 15 pF; VCC =5V;
REXT =5kΩ; CEXT =0pF
nA, nB to nQ, nQ
5.1
5.0
ns
nRD to nQ, nQ
5.6
5.2
ns
CI
input capacitance
VI =VCC or GND
5
3
pF
CO
output capacitance
4
4
pF
CPD
power dissipation capacitance
CL = 50 pF; f = 1 MHz; notes 1
and 2
57
58
pF


同様の部品番号 - 74AHCT123A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT123A NXP-74AHCT123A Datasheet
122Kb / 21P
   Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74AHCT123A-Q100 NXP-74AHCT123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74AHCT123A-Q100 NEXPERIA-74AHCT123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHCT123ABQ NXP-74AHCT123ABQ Datasheet
122Kb / 21P
   Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
More results

同様の説明 - 74AHCT123A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com