データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC139D データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74AHC139D
部品情報  Dual 2-to-4 line decoder/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC139D データシート(HTML) 5 Page - NXP Semiconductors

  74AHC139D Datasheet HTML 1Page - NXP Semiconductors 74AHC139D Datasheet HTML 2Page - NXP Semiconductors 74AHC139D Datasheet HTML 3Page - NXP Semiconductors 74AHC139D Datasheet HTML 4Page - NXP Semiconductors 74AHC139D Datasheet HTML 5Page - NXP Semiconductors 74AHC139D Datasheet HTML 6Page - NXP Semiconductors 74AHC139D Datasheet HTML 7Page - NXP Semiconductors 74AHC139D Datasheet HTML 8Page - NXP Semiconductors 74AHC139D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 01
5
Philips Semiconductors
Product specification
Dual 2-to-4 line decoder/demultiplexer
74AHC139;
74AHCT139
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO package: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP package: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f)
input rise and fall ratio VCC = 3.3 ±0.3 V
−−
100
−−−
ns/V
VCC =5 ±0.5 V
−−
20
−−
20
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C;
note 2
500
mW


同様の部品番号 - 74AHC139D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC139D NXP-74AHC139D Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHC139D NEXPERIA-74AHC139D Datasheet
592Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02 - 9 May 2008
74AHC139D-Q100 NEXPERIA-74AHC139D-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
More results

同様の説明 - 74AHC139D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com