データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT14 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHCT14
部品情報  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT14 データシート(HTML) 2 Page - NXP Semiconductors

  74AHCT14 Datasheet HTML 1Page - NXP Semiconductors 74AHCT14 Datasheet HTML 2Page - NXP Semiconductors 74AHCT14 Datasheet HTML 3Page - NXP Semiconductors 74AHCT14 Datasheet HTML 4Page - NXP Semiconductors 74AHCT14 Datasheet HTML 5Page - NXP Semiconductors 74AHCT14 Datasheet HTML 6Page - NXP Semiconductors 74AHCT14 Datasheet HTML 7Page - NXP Semiconductors 74AHCT14 Datasheet HTML 8Page - NXP Semiconductors 74AHCT14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 27
2
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74AHC14; 74AHCT14
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A
exceeds 2000 V
MM EIA/JESD22-A115-A
exceeds 200 V
CDM EIA/JESD22-C101
exceeds 1000 V
• Balanced propagation delays
• Inputs accepts voltages higher than
VCC
• For AHC only:
operates with CMOS input levels
• For AHCT only:
operates with TTL input levels
• Specified from
−40 to +85 and +125 °C.
DESCRIPTION
The 74AHC/AHCT14 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
No. 7A.
The 74AHC/AHCT14 provide six
inverting buffers with Schmitt-trigger
action. They are capable of
transforming slowly changing input
signals into sharply defined, jitter-free
output signals.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
INPUTS
OUTPUTS
nA
nY
LH
HL
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
PINNING
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
nA to nY
CL =15pF;
VCC =5V
3.2
4.0
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF;
f = 1 MHz;
notes 1 and 2
10
12
pF
PIN
SYMBOL
DESCRIPTION
1, 3, 5, 9, 11 and 13
1A to 6A
data inputs
2, 4, 6, 8, 10 and 12
1Y to 6Y
data outputs
7
GND
ground (0 V)
14
VCC
DC supply voltage


同様の部品番号 - 74AHCT14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT14 PHILIPS-74AHCT14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHCT14 NXP-74AHCT14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Diodes Incorporated
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74AHCT14 NEXPERIA-74AHCT14 Datasheet
282Kb / 16P
   Hex inverting Schmitt trigger
Rev. 6 - 16 June 2020
74AHCT14-Q100 NEXPERIA-74AHCT14-Q100 Datasheet
849Kb / 17P
   Hex inverting Schmitt trigger
More results

同様の説明 - 74AHCT14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com