データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G02 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHCT1G02
部品情報  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G02 データシート(HTML) 2 Page - NXP Semiconductors

  74AHCT1G02 Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 May 27
2
Philips Semiconductors
Product specification
2-input NOR gate
74AHC1G02; 74AHCT1G02
FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
– HBM EIA/JESD22-A114-A exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V
– CDM EIA/JESD22-C101 exceeds 1000 V.
• Low power dissipation
• Balanced propagation delays
• Very small 5-pin package
• Output capability: standard
• Specified from −40 to +125 °C.
DESCRIPTION
The 74AHC1G/AHCT1G02 is a high-speed Si-gate CMOS
device.
The 74AHC1G/AHCT1G02 provides the 2-input NOR
function.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC1G
AHCT1G
tPHL/tPLH
propagation delay A and B to Y
CL = 15 pF; VCC = 5 V
3.2
3.5
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
18
19
pF


同様の部品番号 - 74AHCT1G02

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
logo
Texas Instruments
74AHCT1G02DBVRE4 TI-74AHCT1G02DBVRE4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
74AHCT1G02DBVRG4 TI-74AHCT1G02DBVRG4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - 74AHCT1G02

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com