データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G07 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AHCT1G07
部品情報  Buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G07 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G07 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G07 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 Oct 02
8
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
AC WAVEFORMS
handbook, full pagewidth
MNA592
tPLZ
VOL + 0.3 V
A input
Y output
VI
VCC
VM
(1)
VOL
GND
tPZL
VM
(2)
Fig.5 The input A to output Y propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(2)
OUTPUT
AHC1G
GND to VCC
50% VCC 50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA232
D.U.T.
CL
RT
RL =
1000
PULSE
GENERATOR
S1
Fig.6 Load circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance (see Chapter “AC characteristics”).
RT = Termination resistance should be equal to the output impedance Z0 of the pulse generator.


同様の部品番号 - 74AHCT1G07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G07 NXP-74AHCT1G07 Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
74AHCT1G07GV NXP-74AHCT1G07GV Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
74AHCT1G07GW NXP-74AHCT1G07GW Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
logo
Diodes Incorporated
74AHCT1G07Q DIODES-74AHCT1G07Q Datasheet
521Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
74AHCT1G07QSE-7 DIODES-74AHCT1G07QSE-7 Datasheet
521Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
More results

同様の説明 - 74AHCT1G07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com