データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G14GW データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHCT1G14GW
部品情報  Inverting Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G14GW データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G14GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2002 Jun 06
9
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC1G14; 74AHCT1G14
AC WAVEFORMS
Fig.5
The input (A) to output (Y) propagation
delays.
handbook, halfpage
MNA033
A input
Y output
tPHL
tPLH
VM
VM
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC1G
GND to VCC
50% VCC 50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
(See Chapter “AC characteristics” for values).
RT = Termination resistance should be equal to the output
impedance Zo of the pulse generator.
handbook, halfpage
VCC
VI
VO
MNA101
D.U.T.
CL
RT
PULSE
GENERATOR
TRANSFER CHARACTERISTIC WAVEFORMS
Fig.7 Transfer characteristic.
handbook, halfpage
MNA026
VO
VH
VI
VT−
VT+
Fig.8 The definitions of VT+, VT− and VH.
handbook, halfpage
MNA027
VO
VI
VH
VT+
VT−


同様の部品番号 - 74AHCT1G14GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G14GW NXP-74AHCT1G14GW Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74AHCT1G14GW NXP-74AHCT1G14GW Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14GW NEXPERIA-74AHCT1G14GW Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
logo
NXP Semiconductors
74AHCT1G14GW-G NXP-74AHCT1G14GW-G Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14GW-Q100 NEXPERIA-74AHCT1G14GW-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
More results

同様の説明 - 74AHCT1G14GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com