データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC259 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHC259
部品情報  8-bit addressable latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC259 データシート(HTML) 2 Page - NXP Semiconductors

  74AHC259 Datasheet HTML 1Page - NXP Semiconductors 74AHC259 Datasheet HTML 2Page - NXP Semiconductors 74AHC259 Datasheet HTML 3Page - NXP Semiconductors 74AHC259 Datasheet HTML 4Page - NXP Semiconductors 74AHC259 Datasheet HTML 5Page - NXP Semiconductors 74AHC259 Datasheet HTML 6Page - NXP Semiconductors 74AHC259 Datasheet HTML 7Page - NXP Semiconductors 74AHC259 Datasheet HTML 8Page - NXP Semiconductors 74AHC259 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Mar 14
2
Philips Semiconductors
Product specification
8-bit addressable latch
74AHC259;
74AHCT259
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Combines demultiplexer and 8-bit latch
• Serial-to-parallel capability
• Output from each storage bit available
• Random (addressable) data entry
• Easily expandable
• Common reset input
• Useful as a 3-to-8 active HIGH decoder
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and from −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT259 are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard No. 7A.
The 74AHC/AHCT259 are high-speed 8-bit addressable
latches designed for general purpose storage applications
in digital systems. The ‘259’ are multifunctional devices
capable of storing single-line data in eight addressable
latches, and also 3-to-8 decoder and demultiplexer, with
active HIGH outputs (Q0 to Q7), functions are available.
The ‘259’ also incorporates an active LOW common reset
(MR) for resetting all latches as well as an active LOW
enable input (LE).
The ‘259’ has four modes of operation as shown in the
mode select table. In the addressable latch mode, data on
the data line (D) is written into the addressed latch. The
addressed latch will follow the data input with all non-
addressed latches remaining in their previous states.
In the memory mode, all latches remain in their previous
states and are unaffected by the data or address inputs.
In the 3-to-8 decoding or demultiplexing mode, the
addressed output follows the state of the (D) input with all
other outputs in the LOW state. In the reset mode all
outputs are LOW and unaffected by the address
(A0 to A2) and data (D) input. When operating the ‘259’ as
an address latch, changing more than one bit of the
address could impose a transient-wrong address.
Therefore, this should only be done while in the memory
mode.
The mode select table summarizes the operations of
the ‘259’.


同様の部品番号 - 74AHC259

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC259D NXP-74AHC259D Datasheet
106Kb / 17P
   8-bit addressable latch
Rev. 02-15 May 2008
74AHC259PW NXP-74AHC259PW Datasheet
106Kb / 17P
   8-bit addressable latch
Rev. 02-15 May 2008
74AHC259 NXP-74AHC259_08 Datasheet
106Kb / 17P
   8-bit addressable latch
Rev. 02-15 May 2008
More results

同様の説明 - 74AHC259

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com