データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC245PW データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC245PW
部品情報  Octal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC245PW データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC245PW Datasheet HTML 5Page - NXP Semiconductors 74AHC245PW Datasheet HTML 6Page - NXP Semiconductors 74AHC245PW Datasheet HTML 7Page - NXP Semiconductors 74AHC245PW Datasheet HTML 8Page - NXP Semiconductors 74AHC245PW Datasheet HTML 9Page - NXP Semiconductors 74AHC245PW Datasheet HTML 10Page - NXP Semiconductors 74AHC245PW Datasheet HTML 11Page - NXP Semiconductors 74AHC245PW Datasheet HTML 12Page - NXP Semiconductors 74AHC245PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Sep 28
9
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74AHC245; 74AHCT245
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
An to Bn; Bn to An
see Figs 4 and 6 15 pF
3.5
5.5
1.0
6.5
1.0
7.0
ns
tPZL/tPZH
propagation delay
OE to An;
OE to Bn; signal
name DIR
see Figs 5 and 6
4.0
8.5
1.0
10.0
1.0
11.0
ns
tPLZ/tPHZ
propagation delay
OE to An;
OE to Bn; signal
name DIR
4.5
7.8
1.0
9.2
1.0
10.0
ns
tPHL/tPLH
propagation delay
An to Bn; Bn to An
see Figs 4 and 6 50 pF
5.0
7.5
1.0
8.5
1.0
9.5
ns
tPZL/tPZH
propagation delay
OE to An;
OE to Bn; signal
name DIR
see Figs 5 and 6
5.0
10.6
1.0
12.0
1.0
13.5
ns
tPLZ/tPHZ
propagation delay
OE to An;
OE to Bn; signal
name DIR
6.0
9.7
1.0
11.0
1.0
12.5
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.


同様の部品番号 - 74AHC245PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC245PW NXP-74AHC245PW Datasheet
424Kb / 16P
   Octal bus transceiver 3-state
Rev. 03-25 September 2007
logo
Nexperia B.V. All right...
74AHC245PW NEXPERIA-74AHC245PW Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHC245PW-Q100 NEXPERIA-74AHC245PW-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
More results

同様の説明 - 74AHC245PW

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com