データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC373 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHC373
部品情報  Octal D-type transparent latch; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC373 データシート(HTML) 2 Page - NXP Semiconductors

  74AHC373 Datasheet HTML 1Page - NXP Semiconductors 74AHC373 Datasheet HTML 2Page - NXP Semiconductors 74AHC373 Datasheet HTML 3Page - NXP Semiconductors 74AHC373 Datasheet HTML 4Page - NXP Semiconductors 74AHC373 Datasheet HTML 5Page - NXP Semiconductors 74AHC373 Datasheet HTML 6Page - NXP Semiconductors 74AHC373 Datasheet HTML 7Page - NXP Semiconductors 74AHC373 Datasheet HTML 8Page - NXP Semiconductors 74AHC373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Nov 23
2
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC373; 74AHCT373
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accepts voltages higher than VCC
• Common 3-state output enable input
• Functionally identical to the ‘533’, ‘563’ and ‘573’
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT373 are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74AHC/AHCT373 are octal D-type transparent
latches featuring separate D-type inputs for each latch and
3-state outputs for bus oriented applications. A Latch
Enable (LE) input and an Output Enable (OE) input are
common to all latches.
The ‘373’ consists of eight D-type transparent latches with
3-state true outputs. When LE is HIGH, data at the
Dn inputs enters the latches. In this condition the latches
are transparent, i.e. a latch output will change state each
time its corresponding D-input changes.
When LE is LOW the latches store the information that
was present at the D-inputs a set-up time preceding the
HIGH-to-LOW transition of LE. When OE is LOW, the
contents of the 8 latches are available at the outputs.
When OE is HIGH, the outputs go to the high-impedance
OFF-state. Operation of the OE input does not affect the
state of the latches.
The ‘373’ is functionally identical to the ‘533’, ‘563’ and
‘573’, but the ‘533’ and ‘563’ have inverted outputs and the
‘563’ and ‘573’ have a different pin arrangement.
QUICK REFERENCE DATA
Ground = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
Dn to Qn; LE to Qn
CL = 15 pF; VCC = 5 V
4.3
4.3
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
10
12
pF


同様の部品番号 - 74AHC373

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC373D NXP-74AHC373D Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC373D NEXPERIA-74AHC373D Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC373PW NXP-74AHC373PW Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC373PW NEXPERIA-74AHC373PW Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results

同様の説明 - 74AHC373

メーカー部品番号データシート部品情報
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com