データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT273D データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74AHCT273D
部品情報  Octal D-type flip-flop with reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT273D データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT273D Datasheet HTML 6Page - NXP Semiconductors 74AHCT273D Datasheet HTML 7Page - NXP Semiconductors 74AHCT273D Datasheet HTML 8Page - NXP Semiconductors 74AHCT273D Datasheet HTML 9Page - NXP Semiconductors 74AHCT273D Datasheet HTML 10Page - NXP Semiconductors 74AHCT273D Datasheet HTML 11Page - NXP Semiconductors 74AHCT273D Datasheet HTML 12Page - NXP Semiconductors 74AHCT273D Datasheet HTML 13Page - NXP Semiconductors 74AHCT273D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Sep 01
10
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset;
positive-edge trigger
74AHC273; 74AHCT273
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9
15 pF
4.2
9.0
1.0
10.5
1.0
11.5
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
3.7
8.5
1.0
10.0
1.0
11.0
ns
fmax
maximum clock
pulse frequency
120
165
100
100
ns
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9
50 pF
6.0
11.0
1.0
12.5
1.0
14.0
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
5.3
10.5
1.0
12.0
1.0
13.5
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 9
5.0
−−
5.0
5.0
ns
master reset
pulse width LOW
see Figs 7 and 9
5.0
−−
5.0
5.0
ns
trem
removal time
MR to CP
2.0
−−
2.0
2.0
ns
tsu
set-up time
Dn to CP
see Figs 8 and 9
3.0
−−
3.0
3.0
ns
th
hold time
Dn to CP
1.0
−−
1.0
1.0
ns
fmax
maximum clock
pulse frequency
80
110
70
70
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.


同様の部品番号 - 74AHCT273D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT273D NXP-74AHCT273D Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74AHCT273D NEXPERIA-74AHCT273D Datasheet
270Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4 - 23 September 2020
74AHCT273D-Q100 NEXPERIA-74AHCT273D-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
More results

同様の説明 - 74AHCT273D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com