データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC595D データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74AHC595D
部品情報  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC595D データシート(HTML) 4 Page - NXP Semiconductors

  74AHC595D Datasheet HTML 1Page - NXP Semiconductors 74AHC595D Datasheet HTML 2Page - NXP Semiconductors 74AHC595D Datasheet HTML 3Page - NXP Semiconductors 74AHC595D Datasheet HTML 4Page - NXP Semiconductors 74AHC595D Datasheet HTML 5Page - NXP Semiconductors 74AHC595D Datasheet HTML 6Page - NXP Semiconductors 74AHC595D Datasheet HTML 7Page - NXP Semiconductors 74AHC595D Datasheet HTML 8Page - NXP Semiconductors 74AHC595D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Mar 15
4
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift
register with output latches; 3-state
74AHC595; 74AHCT595
PINNING
PIN
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5, 6, 7 and 15
Q1, Q2, Q3, Q4, Q5, Q6, Q7 and Q0
parallel data output
8
GND
ground (0 V)
9Q7
serial data output
10
MR
master reset (active LOW)
11
SHCP
shift register clock input
12
STCP
storage register clock input
13
OE
output enable input (active LOW)
14
DS
serial data input
16
VCC
DC supply voltage
handbook, halfpage
Q1
Q2
Q3
Q4
Q5
Q6
Q7
GND
VCC
Q0
DS
OE
SHCP
STCP
Q7'
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
595
MNA551
MR
Fig.1 Pin configuration.
handbook, halfpage
OE
MR
9
15
1
2
3
4
5
6
7
13
10
14
11
12
MNA552
Q1
Q0
Q2
Q3
Q4
Q5
Q6
Q7
Q7'
DS
STCP
SHCP
Fig.2 Logic symbol.


同様の部品番号 - 74AHC595D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC595D NXP-74AHC595D Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
logo
Nexperia B.V. All right...
74AHC595D NEXPERIA-74AHC595D Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHC595D-Q100 NEXPERIA-74AHC595D-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

同様の説明 - 74AHC595D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com