データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3416 データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3416
部品情報  T-13/4 (5 mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3416 データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-3416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Luminous Intensity
Iv (mcd) @ 10 mA
Color
Part Number
Min.
Max.
HLMP-3315
13.8
-
Red
HLMP-3317
22.00
-
HLMP-3316-I00xx
22.0
-
HLMP-3316-IJ0xx
22.0
70.4
HLMP-3415
9.2
-
Yellow
HLMP-3416
14.7
-
HLMP-3416-G00xx
14.7
-
HLMP-3416-IJ0xx
37.6
120.2
HLMP-3517
6.7
-
Green
HLMP-3519
10.6
-
HLMP-3519-F00xx
10.6
-
HLMP-3519-IJ0xx
43.6
139.6
T-13/4 (5 mm) High Intensity
LED Lamps
Technical Data
Features
• High Intensity
• Choice of 3 Bright Colors
High Efficiency Red
Yellow
High Performance Green
• Popular T-13/4 Diameter
Package
• Selected Minimum
Intensities
• Narrow Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
Description
This family of T-13/4 nondiffused
LED lamps is specially designed
for applications requiring higher
on-axis intensity than is
achievable with a standard lamp.
The light generated is focused to
a narrow beam to achieve this
effect.
HLMP-331x Series
HLMP-341x Series
HLMP-351x Series
Selection Guide


同様の部品番号 - HLMP-3416

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3416 AVAGO-HLMP-3416 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-3416

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
   T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com