データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALS163BDB データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74ALS163BDB
部品情報  4-bit binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS163BDB データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS163BDB Datasheet HTML 4Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 5Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 6Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 7Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 8Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 9Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 10Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 11Page - NXP Semiconductors 74ALS163BDB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74ALS161B/74ALS163B
4-bit binary counter
1991 Feb 08
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
100
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
4.0
6.0
13.0
16.0
ns
tPLH
tPHL
Propagation delay
CP to TC
Waveform 1
6.0
8.0
16.0
16.0
ns
tPLH
tPHL
Propagation delay
CET to TC
Waveform 2
3.0
3.0
10.0
10.0
ns
tPHL
Propagation delay
MR to Qn
74ALS161B
Waveform 3
8.0
15.0
ns
tPHL
Propagation delay
MR to TC
74ALS163B
Waveform 3
11.0
19.0
ns
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu(H)
tsu(L)
Setup time, High or Low
Dn to CP
Waveform 6
8.0
8.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 6
0.0
0.0
ns
tsu(H)
tsu(L)
Setup time, High or Low
PE or SR to CP
Waveform 5 or 6
10.0
10.0
ns
th(H)
th(L)
Hold time, High or Low
PE or SR to CP
Waveform 6
0.0
0.0
ns
tsu(H)
tsu(L)
Setup time, High or Low
CET or CEP to CP
Waveform 4
10.0
10.0
ns
th(H)
th(L)
Hold time, High or Low
CET or CEP to CP
Waveform 4
0.0
0.0
ns
tw(H)
tw(L)
CP Pulse width (load),
High or Low
Waveform 1
5.0
5.0
ns
tw(H)
tw(L)
CP Pulse width (count),
High or Low
Waveform 1
5.0
5.0
ns
tw(L)
MR or SR Pulse width, Low
Waveform 3
5.0
ns
tREC
Recovery time, CR or SR to CP
Waveform 3
10.0
ns


同様の部品番号 - 74ALS163BDB

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALS161 FAIRCHILD-74ALS161 Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
logo
NXP Semiconductors
74ALS164 PHILIPS-74ALS164 Datasheet
103Kb / 9P
   8-bit serial-in parallel-out shift register
1991 Feb 08
74ALS164D PHILIPS-74ALS164D Datasheet
103Kb / 9P
   8-bit serial-in parallel-out shift register
1991 Feb 08
74ALS164N PHILIPS-74ALS164N Datasheet
103Kb / 9P
   8-bit serial-in parallel-out shift register
1991 Feb 08
More results

同様の説明 - 74ALS163BDB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
[Old version datasheet]   4-Bit Binary Counter
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
ON Semiconductor
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Renesas Technology Corp
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
   4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
   4-bit Binary Counter
logo
National Semiconductor ...
DM74LS293 NSC-DM74LS293 Datasheet
105Kb / 6P
   4-Bit Binary Counter
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
   4-Bit Binary Counter
REV 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com