データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZY8.2 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 ZY8.2
部品情報  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZY8.2 データシート(HTML) 1 Page - Vishay Siliconix

  ZY8.2 Datasheet HTML 1Page - Vishay Siliconix ZY8.2 Datasheet HTML 2Page - Vishay Siliconix ZY8.2 Datasheet HTML 3Page - Vishay Siliconix ZY8.2 Datasheet HTML 4Page - Vishay Siliconix ZY8.2 Datasheet HTML 5Page - Vishay Siliconix ZY8.2 Datasheet HTML 6Page - Vishay Siliconix ZY8.2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZY1, ZY3.6 thru ZY200
Vishay Semiconductors
formerly General Semiconductor
Document Number 88418
www.vishay.com
02-May-02
1
Zener Diodes
VZ Range 1.0, 3.6 to 200V
Power Dissipation 2.0W
0.110 (2.79)
0.050 (1.27)
0.036 (0.91)
0.025 (0.64)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.20)
0.125 (3.18)
DIA.
Features
• Silicon Power Zener Diodes.
• For use in stabilizing and clipping circuits with high
power rating.
• The Zener voltages are graded according to the
international E 24 standard. Smaller voltage
tolerances are available upon request.
Mechanical Data
Case: JEDEC DO-204AM molded plastic body
Weight: approx. 0.34g
Packaging Codes/Options:
E2/4K per Ammo mag. (52mm tape), 20K/box
E3/5K per 13” reel (52mm tape), 10K/box
DO-204AM
Dimensions in inches and (millimeters)
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
2.0(1)
W
Thermal Resistance Junction to Ambient Air
R
ΘJA
60(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
Note:
(1) Valid provided that leads are kept at ambient temperature at a distance of 10mm from case .
Extended
Voltage
Range


同様の部品番号 - ZY8.2

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
ZY8.2 DIOTEC-ZY8.2 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY8.2 CDIL-ZY8.2 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY8.2 EIC-ZY8.2 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Diotec Semiconductor
ZY8.2 DIOTEC-ZY8.2 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZY8.2 SEMTECH_ELEC-ZY8.2 Datasheet
245Kb / 3P
   SILICON ZENER DIODES
More results

同様の説明 - ZY8.2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com