データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALS620A-1 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74ALS620A-1
部品情報  Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS620A-1 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS620A-1 Datasheet HTML 3Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 4Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 5Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 6Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 7Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 8Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 9Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 10Page - NXP Semiconductors 74ALS620A-1 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Product specification
74ALS620A/74ALS620A-1
74ALS623A/74ALS623A-1
Transceivers
1991 Feb 08
8
AC WAVEFORMS
For all waveforms, VM = 1.3V.
An, Bn
Bn, An
tPHL
VM
VM
VM
VM
tPLH
SF00773
Waveform 1.
Propagation Delay for Inverting Outputs
VM
VM
VM
VM
Bn, An
An, Bn
tPLH
tPHL
SF00202
Waveform 2.
Propagation Delay for Non-inverting Outputs
SF00412
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
An or Bn
OEBA
OEAB
Waveform 3.
3-State Output Enable Time to High Level
and Disable Time from High Level
SF00413
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
An or Bn
OEBA
OEAB
Waveform 4.
3-State Output Enable Time to Low Level
and Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00072
RL
7.0V
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL
closed
All other
open


同様の部品番号 - 74ALS620A-1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

同様の説明 - 74ALS620A-1

メーカー部品番号データシート部品情報
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
logo
NXP Semiconductors
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com