データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6291 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 1N6291
部品情報  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

1N6291 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  1N6291 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6291 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6291 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6291 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6291 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6291 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5KE6V8....1.5KE440A
1N6267...........1N6303A
Type
Maximum Reverse
Leakage Current
at
Unidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
1N6267
1.5KE6V8
1000
5.50
6.12
6.8
7.48
10
10.8
139
1N6267A
1.5KE6V8A
1000
5.80
6.45
6.8
7.14
10
10.5
143
1N6268
1.5KE7V5
500
6.05
6.75
7.5
8.25
10
11.7
128
1N6268A
1.5KE7V5A
500
6.40
7.13
7.5
7.88
10
11.3
132
1N6269
1.5KE8V2
200
6.63
7.38
8.2
9.02
10
12.5
120
1N6269A
1.5KE8V2A
200
7.02
7.79
8.2
8.61
10
12.1
124
1N6270
1.5KE9V1
50
7.37
8.19
9.1
10.0
1
13.8
109
1N6270A
1.5KE9V1A
50
7.78
8.65
9.1
9.55
1
13.4
112
1N6271
1.5KE10
10
8.10
9.00
10
11.0
1
15.0
100
1N6271A
1.5KE10A
10
8.55
9.50
10
10.5
1
14.5
103
1N6272
1.5KE11
5
8.92
9.90
11
12.1
1
16.2
93
1N6272A
1.5KE11A
5
9.40
10.5
11
11.6
1
15.6
96
1N6273
1.5KE12
5
9.72
10.8
12
13.2
1
17.3
87
1N6273A
1.5KE12A
5
10.2
11.4
12
12.6
1
16.7
90
1N6274
1.5KE13
5
10.5
11.7
13
14.3
1
19.0
79
1N6274A
1.5KE13A
5
11.1
12.4
13
13.7
1
18.2
82
1N6275
1.5KE15
5
12.1
13.5
15
16.5
1
22.0
68
1N6275A
1.5KE15A
5
12.8
14.3
15
15.8
1
21.2
71
1N6276
1.5KE16
5
12.9
14.4
16
17.6
1
23.5
64
1N6276A
1.5KE16A
5
13.6
15.2
16
16.8
1
22.5
67
1N6277
1.5KE18
5
14.5
16.2
18
19.8
1
26.5
56.5
1N6277A
1.5KE18A
5
15.3
17.1
18
18.9
1
25.5
59.5
1N6278
1.5KE20
5
16.2
18.0
20
22.0
1
29.1
51.5
1N6278A
1.5KE20A
5
17.1
19.0
20
21.0
1
27.7
54
1N6279
1.5KE22
5
17.8
19.8
22
24.2
1
31.9
47
1N6279A
1.5KE22A
5
18.8
20.9
22
23.1
1
30.6
49
1N6280
1.5KE24
5
19.4
21.6
24
26.4
1
34.7
43
1N6280A
1.5KE24A
5
20.5
22.8
24
25.2
1
33.2
45
1N6281
1.5KE27
5
21.8
24.3
27
29.7
1
39.1
38.5
1N6281A
1.5KE27A
5
23.1
25.7
27
28.4
1
37.5
40
1N6282
1.5KE30
5
24.3
27.0
30
33.0
1
43.5
34.5
1N6282A
1.5KE30A
5
25.6
28.5
30
31.5
1
41.4
36
1N6283
1.5KE33
5
26.8
29.7
33
36.3
1
47.7
31.5
1N6283A
1.5KE33A
5
28.2
31.4
33
34.7
1
45.7
33
1N6284
1.5KE36
5
29.1
32.4
36
39.6
1
52.0
29
1N6284A
1.5KE36A
5
30.8
34.2
36
37.8
1
49.9
30
1N6285
1.5KE39
5
31.6
35.1
39
42.9
1
56.4
26.5
1N6285A
1.5KE39A
5
33.3
37.1
39
41.0
1
53.9
28
1N6286
1.5KE43
5
34.8
38.7
43
47.3
1
61.9
24
1N6286A
1.5KE43A
5
36.8
40.9
43
45.2
1
59.3
25.3
1N6287
1.5KE47
5
38.1
42.3
47
51.7
1
67.8
22.2
1N6287A
1.5KE47A
5
40.2
44.7
47
49.4
1
64.8
23.2
1N6288
1.5KE51
5
41.3
45.9
51
56.1
1
73.5
20.4
1N6288A
1.5KE51A
5
43.6
48.5
51
53.6
1
70.1
21.4
Jun - 00


同様の部品番号 - 1N6291

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6291 TRSYS-1N6291 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6291 CHONGQING-1N6291 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1N6291 SUNMATE-1N6291 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Dc Components
1N6291 DCCOM-1N6291 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6291 GOOD-ARK-1N6291 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

同様の説明 - 1N6291

メーカー部品番号データシート部品情報
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com