データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16244DGG データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ALVC16244DGG
部品情報  2.5V/3.3V 16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16244DGG データシート(HTML) 5 Page - NXP Semiconductors

  74ALVC16244DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC16244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16244/
74ALVCH16244
16-bit buffer/line driver (3-State)
1998 Jun 29
5
DC CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2V
VCC
VIH
HIGH level Input voltage
VCC = 1.8V
0.7*VCC
0.9
V
VIH
HIGH level In ut voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VCC = 2.7 to 3.6V
2.0
1.5
VCC = 1.2V
GND
VIL
LOW level Input voltage
VCC = 1.8V
0.9
0.2*VCC
V
VIL
LOW level In ut voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VCC = 2.7 to 3.6V
1.5
0.8
VCC =1 8to3 6V; VI =VIH or VIL; IO = –100µA
VCC–0 2
VCC
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC–0.2
VCC
VCC = 1.8V; VI = VIH or VIL; IO = –6mA
VCC–0.4
VCC–0.10
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC–0.3
VCC–0.08
VOH
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC–0.5
VCC–0.17
V
VCC = 2.3V; VI = VIH or VIL; IO = –18mA
VCC–0.6
VCC–0.26
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC–0.5
VCC–0.14
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC–1.0
VCC–0.28
VCC =1 8to3 6V; VI =VIH or VIL; IO = 100µA
GND
020
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 1.8V; VI = VIH or VIL; IO = 6mA
0.09
0.30
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.20
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.40
V
VCC = 2.3V; VI = VIH or VIL; IO = 18mA
0.23
0.60
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
Input leakage current per data pin
with bus hold
VCC = 1.8 to 3.6V;
VI = VCC or GND
0.1
5
II
Input leakage current per data pin
without bus hold
VCC = 1.8 to 3.6V;
VI = 5.5 V or GND
0.1
5
µA
Input leakage current per control
pin
VCC = 1.8 to 3.6V;
VI = 5.5 V or GND
0.1
5
I
/I
Input current for common I/O pins
VCC = 1.8 to 2.7V; VI = VCC or GND
0.1
10
µA
IIHZ/IILZ
Input current for common I/O pins
VCC = 3.6V; VI = VCC or GND
0.1
15
µA
IOZ
3-State output OFF-state current
VCC = 1.8 to 2.7V; VI = VIH or VIL;
VO = VCC or GND
0.1
5
µA
IOZ
3-State out ut OFF-state current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 1.8 to 2.7V; VI = VCC or GND; IO = 0
0.1
20
µA
ICC
Quiescent su
ly current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
Additional quiescent supply current
given per data I/O pin with bus
hold
150
750
∆ICC
Additional quiescent supply current
given per data I/O pin without bus
hold
VCC = 2.7V to 3.6V; VI = VCC – 0.6V; IO = 0
5
500
µA
Additional quiescent supply current
given per control pin
5
500


同様の部品番号 - 74ALVC16244DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVC16244DGG NEXPERIA-74ALVC16244DGG Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
More results

同様の説明 - 74ALVC16244DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com