データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16373DGG データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74ALVCH16373DGG
部品情報  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373DGG データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16373DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16373DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16373
16-bit D-type transparent latch (3-State)
1999 Sep 20
6
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
VCC =1 8to3 6V; V =V or V ; IO = 100µA
GND
020
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 1.8V; VI = VIH or VIL; IO = 6mA
0.09
0.30
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.20
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.40
V
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.23
0.60
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
I
Input leakage current per
control pin
VCC = 1.8 to 3.6V;
VI = 5.5V or GND
0.1
5
µA
II
Input leakage current per data
VCC = 1.8 to 3.6V;
01
5
µA
g
pin
CC
VI = VCC or GND
0.1
5
I
/I
Input current for common I/O
VCC = 1.8 to 2.7V; VI = VCC or GND
0.1
10
µA
IIHZ/IILZ
pins
VCC = 3.6V; VI = VCC or GND
0.1
15
µA
IOZ
3-State output OFF-state
current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 1.8 to 2.7V; VI = VCC or GND; IO = 0
0.2
40
µA
ICC
Quiescent supply current
VCC = 2.7 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply
current given per control pin
VCC = 2.7V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
∆ICC
Additional quiescent supply
current given per data I/O pin
VCC = 2.7V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
2
Bus hold LOW sustaining
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
g
current
VCC = 3.0V; VI = 0.8V
75
150
µA
I
2
Bus hold HIGH sustaining
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
g
current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
I
O
2
Bus hold LOW overdrive
VCC = 2.7V
300
µA
IBHLO2
current
VCC = 3.6V
450
µA
I
O
2
Bus hold HIGH overdrive
VCC = 2.7V
–300
µA
IBHHO2
current
VCC = 3.6V
–450
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


同様の部品番号 - 74ALVCH16373DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16373DGG NEXPERIA-74ALVCH16373DGG Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
Texas Instruments
74ALVCH16373DGGE4 TI-74ALVCH16373DGGE4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DGGRG4 TI-74ALVCH16373DGGRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16373DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com