データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16374DGG データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74ALVCH16374DGG
部品情報  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16374DGG データシート(HTML) 4 Page - NXP Semiconductors

  74ALVCH16374DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16374
16-bit edge-triggered D-type flip-flop (3-State)
1998 Jun 18
4
LOGIC SYMBOL (IEEE/IEC)
SW00199
48
1EN
1
46
44
43
41
40
38
37
36
C1
C2
2EN
2
2D
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
1CLK
2OE
2CLK
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
2Q0
2Q1
2Q2
2Q3
2Q4
2Q7
1D7
2Q5
2Q6
1D
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
DC supply voltage 2.5V range (for max. speed
performance @ 30 pF output load)
2.3
2.7
VCC
DC supply voltage 3.3V range (for max. speed
performance @ 50 pF output load)
3.0
3.6
V
DC supply voltage (for low-voltage applications)
1.2
3.6
V
DC Input voltage range
For data input pins
0
VCC
V
VI
DC Input voltage range
For control pins
0
5.5
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0V
VCC = 3.0 to 3.6V
0
0
20
10
ns/V


同様の部品番号 - 74ALVCH16374DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16374DGG NEXPERIA-74ALVCH16374DGG Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
Texas Instruments
74ALVCH16374DGGRE4 TI-74ALVCH16374DGGRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16374DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com