データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16543DGG データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74ALVCH16543DGG
部品情報  16-bit D-type registered transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16543DGG データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH16543DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16543DGG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Nov 23
10
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
AC CHARACTERISTICS FOR VCC = 2.7 V AND VCC = 3.0 V TO 3.6 V
Ground = 0 V; tr =tf ≤ 2.5 ns; CL =50pF.
Notes
1. All typical values are measured at Tamb =25 °C.
2. Typical values at VCC = 3.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn,nBn to nBn,nAn
see Figs 6 and 10
2.7
2.9
4.8
ns
3.0 to 3.6
1.0
3.8(2)
4.3
ns
propagation delay
nLEAB,nLEBA to nBn,nAn
see Figs 7 and 10
2.7
3.6
6.2
ns
3.0 to 3.6
1.4
3.1(2)
5.0
ns
tPZH/tPZL
3-state output enable time
nOEBA,nOEAB to nAn, nBn
see Figs 8 and 10
2.7
3.4
6.3
ns
3.0 to 3.6
1.0
2.9(2)
5.3
ns
tPHZ/tPLZ
3-state output disable time
nOEBA,nOEAB to nAn, nBn
see Figs 8 and 10
2.7
3.3
4.8
ns
3.0 to 3.6
1.0
3.2(2)
4.6
ns
tPZH/tPZL
3-state output enable time
nEBA,nEAB to nAn, nBn
see Figs 8 and 10
2.7
3.5
6.9
ns
3.0 to 3.6
1.0
3.0(2)
5.6
ns
tPHZ/tPLZ
3-state output disable time
nEBA,nEAB to nAn, nBn
see Figs 8 and 10
2.7
3.5
6.2
ns
3.0 to 3.6
1.1
3.3(2)
5.1
ns
tW
nLEXX pulse width LOW
see Figs 7 and 10
2.7
3.3
1.3
ns
3.0 to 3.6
3.3
0.9(2)
ns
tsu
set-up time
nAn,nBn to nLEXX, nEXX
see Figs 9 and 10
2.7
0.8
0.2
ns
3.0 to 3.6
1.3
0.1(2)
ns
th
hold time
nAn,nBn to nLEXX,nEXX
see Figs 9 and 10
2.7
0.4
0.1
ns
3.0 to 3.6
0.7
0.2(2)
ns


同様の部品番号 - 74ALVCH16543DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16543DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543_15 Datasheet
103Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com