データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16646 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74ALVCH16646
部品情報  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16646 データシート(HTML) 3 Page - NXP Semiconductors

  74ALVCH16646 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16646
16-bit bus transceiver/register (3-State)
1998 Sep 03
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 28
nDIR
Direction control input
2, 27
nCPAB
Clock input A-to-B
3, 26
nSAB
Select input A-to-B
5, 6, 8, 9, 10,
12, 13, 14
1A0 to 1A7
Data inputs/outputs
4, 11, 18, 25,
32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
15, 16, 17, 19,
20, 21, 23, 24
2A0 to 2A7
Data inputs/outputs
29, 56
nOE
Output enable
30, 55
nCPBA
Clock input B-to-A
31, 54
nSBA
Select input B-to-A
42, 41, 40, 38,
37, 36, 34, 33
2B0 to 2B7
Data inputs/outputs
52, 51, 49, 48,
47, 45, 44, 43
1B0 to 1B7
Data inputs/outputs
LOGIC SYMBOL
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1OE
1CPAB
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1CPBA
5
6
8
10
12
13
14
15
16
17
19
20
21
23
24
1
2
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
9
SY00013
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1DIR
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
56
1SAB
1SBA
29
28
26
31
27
30
2
55
2OE
2CPAB
2CPBA
2DIR
2SAB
2SBA
BUSHOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00050
LOGIC SYMBOL (IEEE/IEC)
C6
G3
G5
3EN2[AB]
C4
G7
31
54D
1
5
56
1
54
2
3
5
8
9
10
12
13
14
16
17
19
20
21
23
24
52
49
48
47
45
44
41
40
38
37
36
34
33
SY00014
1OE
1DIR
1SBA
1CPAB
1SAB
1A0
1A2
1A3
1A4
1A5
1A6
1A7
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1B0
1B2
1B3
1B4
1B5
1B6
1B7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
55
1CPBA
3EN1[BA]
C13
G10
G12
10EN9[AB]
C11
G14
29
28
31
27
26
2OE
2DIR
2SBA
2CPAB
2SAB
30
2CPBA
10EN8[BA]
1
2
31
6D
7
17
w1
12 11D
8
12
15
43
42
2A0
2B0
1
9
w1
13D 14
114
51
1A1
1B1
6


同様の部品番号 - 74ALVCH16646

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
74ALVCH16646DGG NEXPERIA-74ALVCH16646DGG Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
Texas Instruments
74ALVCH16646DGGRE4 TI1-74ALVCH16646DGGRE4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGGRG4 TI1-74ALVCH16646DGGRG4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGVRE4 TI1-74ALVCH16646DGVRE4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16646

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com