データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16821DL データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ALVCH16821DL
部品情報  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16821DL データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16821DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16821DL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16821
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 May 29
7
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ± 0.2V
UNIT
MIN
TYP1
MAX
tPLH/tPHL
Propagation delay
nCP to nQn
1, 4
1.0
2.6
5.8
ns
tPZH/tPZL
3-State output enable time
nOEn to nQn
2, 4
1.0
2.8
6.6
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nQn
2, 4
1.0
2.2
5.7
ns
tW
nCP pulse width HIGH or LOW
3, 4
3.0
1.8
ns
tSU
Set up time nDn to nCP
3, 4
1.4
0.3
ns
th
Hold time nDn to nCP
3, 4
0.4
0.0
ns
Fmax
Maximum clock pulse frequency
1, 4
150
250
MHz
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nCP to nQn
1, 4
1.0
2.5
4.5
1.0
2.8
5.3
ns
tPZH/tPZL
3-State output enable time
nOEn to nQn
2, 4
1.0
2.3
5.1
1.0
3.2
6.2
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nQn
2, 4
1.0
2.8
4.6
1.0
3.1
5.0
ns
tW
nCP pulse width HIGH or
LOW
3, 4
3.3
0.2
3.3
1.7
ns
tSU
Set up time nDn to nCP
3, 4
1.0
0.2
1.2
0.3
ns
th
Hold time nDn to nCP
3, 4
0.8
0.4
0.6
–0.3
ns
Fmax
Maximum clock pulse
frequency
1, 4
150
350
150
300
MHz
NOTES:
1. All typical values are at Tamb = 25°C.


同様の部品番号 - 74ALVCH16821DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH16821DLG4 TI-74ALVCH16821DLG4 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
74ALVCH16821DLRG4 TI-74ALVCH16821DLRG4 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16821DL

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com