データシートサーチシステム |
|
FCA-325-WY7 データシート(PDF) 1 Page - Tyco Electronics |
|
FCA-325-WY7 データシート(HTML) 1 Page - Tyco Electronics |
1 / 4 page 16 115/200VAC 400Hz-30 TYPE OF LOAD LIFE (MIN.) CYCLES X 103 28 VDC 115VAC 400HZ Resistive Inductive Inductive Motor Lamp 50 10 20 50 50 25 12 - 10 5 25 - 15 10 5 * 60 Hz LOADS RATED FOR 10,000 OPERATIONS Ratings Are Continuous Duty OVERLOAD CURRENT 50 AMPS DC, 80 AMPS 400HZ RUPTURE CURRENT 60 AMPS DC, 100 AMPS 400HZ CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE MAX. CONTACT DROP AT 25 AMPS: INITIAL 0.150 VOLTS. END OF LIFE 0.175 VOLTS CONTACT RATING-AMPERES The Series FCA-325 relay is a polarized single-side stable design, where the flux from a permanent magnet provides the armature holding force in the deactivated state, and its flux path is switched and combined with the coil flux in the operated state. This results in appreciably increased contact pressure in both states over that of a spring return nonpolar design. We also manufacture other versions of this relay: FCA-125: 25 AMP SPDT RELAY FCAC-325: 25 AMP 3PST RELAY WITH 2 AMP SPDT AUXILIARY CONTACTS q HERMETICALLY SEALED q ALL WELDED CONSTRUCTION q BALANCED FORCE q PERMANENT MAGNET DRIVE q CONTACTS: SILVER CADMIUM OXIDE WITH GOLD PLATING q COILS FOR DC, 50 TO 400Hz AND 400Hz AC q WEIGHT 2.89 OUNCES MAX. ( 82 GRAMS) 2.5 2.5 - 2.0 1.0 115/200VAC 60Hz-30 * 25 - 15 10 5 FCA-325 25 AMPERES, 3PDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays QPL APPROVED Qualified to M IL-R-83536 |
同様の部品番号 - FCA-325-WY7 |
|
同様の説明 - FCA-325-WY7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |