データシートサーチシステム |
|
HLMP-BG11-R0R00 データシート(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HLMP-BG11-R0R00 データシート(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 10 page 6 Absolute Maximum Ratings at TA = 25˚C Parameter Blue and Green Red and Amber DC Forward Current[1] 30 mA 50 mA Peak Pulsed Forward Current[2] 100 mA 100 mA Average Forward Current 30 mA 30 mA Reverse Voltage (IR = 100 µA) 5 V Reverse Voltage (IR = 10 µA) 5 V Power Dissipation 120 mW 120 mW LED Junction Temperature 130°C 130°C Operating Temperature Range –40°C to +80°C –40°C to +100°C Storage Temperature Range –40°C to +100°C –40°C to +120°C Wave Soldering Temperature[3] 250°C for 3 seconds 250°C for 3 seconds Notes: 1. Derate linearly from Figure 7. 2. Duty Factor 30% KHz. 3. 1.59 mm (0.060 in.) below body. |
同様の部品番号 - HLMP-BG11-R0R00 |
|
同様の説明 - HLMP-BG11-R0R00 |