データシートサーチシステム |
|
74AVCM162834 データシート(PDF) 6 Page - NXP Semiconductors |
|
74AVCM162834 データシート(HTML) 6 Page - NXP Semiconductors |
6 / 10 page Philips Semiconductors Product specification 74AVCM162834 18-bit registered driver with inverted register enable and 15 Ω termination resistors (3-State) 2001 Apr 20 6 AC CHARACTERISTICS GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF LIMITS SYMBOL PARAMETER WAVE- FORM VCC = 3.3 ± 0.3 V VCC = 2.5 ± 0.2 V VCC = 1.8 ± 0.15 V VCC = 1.2 V UNIT FORM MIN TYP1 MAX MIN TYP1 MAX MIN TYP1 MAX MIN TYP Propagation delay An to Yn 1, 7 0.7 1.7 2.5 0.8 2.0 3.1 1.0 2.6 4.5 – 5.2 tPHL/tPLH Propagation delay LE to Yn 2, 7 0.7 1.9 2.7 0.8 2.3 3.3 1.0 2.9 5.0 – 5.6 ns Propagation delay CP to Yn 3, 7 0.7 1.7 2.5 0.8 2.0 3.0 1.0 2.6 4.5 – 5.2 tPZH/tPZL 3-State output enable time OE to Yn 6, 7 1.0 2.3 4.5 1.0 2.5 4.5 1.5 3.0 6.5 – 5.5 ns tPHZ/tPLZ 3-State output disable time OE to Yn 6, 7 1.0 2.3 3.5 1.0 2.2 4.0 1.5 3.5 6.5 – 6.9 ns t CP pulse width HIGH or LOW 3, 7 1.0 – – 1.2 – – 2.0 – – – – ns tW LE pulse width HIGH 2, 7 1.0 – – 1.2 – – 2.0 – – – – ns Set-up time An to CP 5, 7 0.7 – – 0.7 – – 0.7 – – 1.0 – ns tSU Set-up time An to LE HIGH 4, 7 0.5 – – 0.5 – – 0.5 – – 0.2 – ns Set-up time An to LE LOW 4, 7 0.5 – – 0.5 – – 0.6 – – 2.0 – ns Hold time An to CP 5, 7 0.9 – – 0.9 – – 1.0 – – 1.5 – ns th Hold time An to LE HIGH 4, 7 1.6 – – 1.7 – – 2.0 – – 3.2 – ns Hold time An to LE LOW 4, 7 1.4 – – 1.5 – – 1.7 – – 2.8 – ns Fmax Maximum clock pulse frequency 3, 7 500 – – 400 – – 250 – – – – MHz NOTES: 1. All typical values are measured at Tamb = 25 °C and at VCC = 1.8 V, 2.5 V, 3.3 V. |
同様の部品番号 - 74AVCM162834 |
|
同様の説明 - 74AVCM162834 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |