データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVCM162835DGG データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74AVCM162835DGG
部品情報  18-bit registered driver with 15 ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCM162835DGG データシート(HTML) 5 Page - NXP Semiconductors

  74AVCM162835DGG Datasheet HTML 1Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 2Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 3Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 4Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 5Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 6Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 7Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 8Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74AVCM162835
18-bit registered driver with 15
Ω termination
resistors (3-State)
2001 Apr 20
5
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For all inputs1
–0.5 to 4.6
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage; output 3-State
Note 1
–0.5 to 4.6
V
VO
DC output voltage;
output HIGH or LOW state
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40 to +85
°C
UNIT
MIN
TYP1
MAX
VCC = 1.2 V
VCC
VIH
HIGH level Input voltage
VCC = 1.65 to 1.95 V
0.65VCC
0.9
V
VIH
HIGH level In ut voltage
VCC = 2.3 to 2.7 V
1.7
1.2
V
VCC = 3.0 to 3.6 V
2.0
1.5
VCC = 1.2 V
GND
VIL
LOW level Input voltage
VCC = 1.65 to 1.95 V
0.9
0.35VCC
V
VIL
LOW level In ut voltage
VCC = 2.3 to 2.7 V
1.2
0.7
V
VCC = 3.0 to 3.6 V
1.5
0.8
VCC = 1.65 to 3.6 V; VI = VIH or VIL;
VCC*020
VCC
CC
I
IH
IL
IO = –100 µA
VCC*0.20
VCC
VOH
HIGH level output voltage
VCC = 1.65 V; VI = VIH or VIL; IO = –4 mA
VCC*0.45
VCC*0.10
V
VCC = 2.3 V; VI = VIH or VIL; IO = –8 mA
VCC*0.55
VCC*0.28
VCC = 3.0 V; VI = VIH or VIL; IO = –12 mA
VCC*0.70
VCC*0.32
VCC = 1.65 to 3.6 V; VI = VIH or VIL;
GND
020
CC
I
IH
IL
IO = 100 µA
GND
0.20
VOL
LOW level output voltage
VCC = 1.65 V; VI = VIH or VIL; IO = 4 mA
0.10
0.45
V
VCC = 2.3 V; VI = VIH or VIL; IO = 8 mA
0.26
0.55
VCC = 3.0 V; VI = VIH or VIL; IO = 12 mA
0.36
0.70
VCC = 1 65 to 3 6 V;
II
Input leakage current
VCC = 1.65 to 3.6 V
VI =VCC or GND
0.1
2.5
µA
I
g
VI = VCC or GND
µ
IOFF
3-State output OFF-state current
VCC = 0 V; VI or VO = 3.6 V
0.1
"10
µA
IIHZ/IILZ
3-State output OFF-state current
VCC = 1.65 to 3.6 V; VI = VCC or GND
0.1
12.5
µA
IOZ
3-State output OFF-state current
VCC = 1.65 to 2.7 V; VI = VIH or VIL;
VO = VCC or GND
0.1
5
µA
IOZ
3-State out ut OFF-state current
VCC = 3.0 to 3.6 V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 1.65 to 2.7 V; VI = VCC or GND; IO = 0
0.1
20
µA
ICC
Quiescent su
ly current
VCC = 3.0 to 3.6 V; VI = VCC or GND; IO = 0
0.2
40
µA
NOTES:
1. All typical values are at Tamb = 25 °C.


同様の部品番号 - 74AVCM162835DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCM162835_2 PHILIPS-74AVCM162835_2_15 Datasheet
103Kb / 10P
   18-bit registered driver with 15 W termination resistors (3-State)
2001 Apr 20
More results

同様の説明 - 74AVCM162835DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCM162835_2 PHILIPS-74AVCM162835_2_15 Datasheet
103Kb / 10P
   18-bit registered driver with 15 W termination resistors (3-State)
2001 Apr 20
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
NXP Semiconductors
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
   20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com