データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVCM162835DGG データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AVCM162835DGG
部品情報  18-bit registered driver with 15 ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCM162835DGG データシート(HTML) 3 Page - NXP Semiconductors

  74AVCM162835DGG Datasheet HTML 1Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 2Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 3Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 4Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 5Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 6Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 7Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 8Page - NXP Semiconductors 74AVCM162835DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74AVCM162835
18-bit registered driver with 15
Ω termination
resistors (3-State)
2001 Apr 20
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 55
NC
No connection
3, 5, 6, 8, 9, 10, 12, 13,
14, 15, 16, 17, 19, 20,
21, 23, 24, 26
Y0 to Y17
Data outputs
4, 11, 18, 25, 32, 39, 46,
53, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
27
OE
Output enable input
(active LOW)
28
LE
Latch enable input
(active HIGH)
30
CP
Clock input
54, 52, 51, 49, 48, 47,
45, 44, 43, 42, 41, 40,
38, 37, 36, 34, 33, 31
A0 to A17
Data inputs
LOGIC SYMBOL
SH00138
CP
LE
D
OE
CP
LE
A0
Y0
TO THE 17 OTHER CHANNELS
LOGIC SYMBOL (IEEE/IEC)
1
1
30
28
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
3D
27
2C3
EN1
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
OE
CP
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
LE
C3
G2
SH00154
FUNCTION TABLE
INPUTS
OUTPUTS
OE
LE
CP
A
OUTPUTS
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
L
L
H
X
Y01
L
L
L
X
Y02
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
Don’t care
Z
=
High impedance “off” state
=
LOW-to-HIGH level transition
NOTES:
1. Output level before the indicated steady-state input conditions
were established, provided that CP is high before LE goes low.
2. Output level before the indicated steady-state input conditions
were established.


同様の部品番号 - 74AVCM162835DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCM162835_2 PHILIPS-74AVCM162835_2_15 Datasheet
103Kb / 10P
   18-bit registered driver with 15 W termination resistors (3-State)
2001 Apr 20
More results

同様の説明 - 74AVCM162835DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCM162835_2 PHILIPS-74AVCM162835_2_15 Datasheet
103Kb / 10P
   18-bit registered driver with 15 W termination resistors (3-State)
2001 Apr 20
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
NXP Semiconductors
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
   20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com