データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV112SD データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV112SD
部品情報  40 MHz Dual Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV112SD データシート(HTML) 5 Page - National Semiconductor (TI)

  LMV112SD Datasheet HTML 1Page - National Semiconductor (TI) LMV112SD Datasheet HTML 2Page - National Semiconductor (TI) LMV112SD Datasheet HTML 3Page - National Semiconductor (TI) LMV112SD Datasheet HTML 4Page - National Semiconductor (TI) LMV112SD Datasheet HTML 5Page - National Semiconductor (TI) LMV112SD Datasheet HTML 6Page - National Semiconductor (TI) LMV112SD Datasheet HTML 7Page - National Semiconductor (TI) LMV112SD Datasheet HTML 8Page - National Semiconductor (TI) LMV112SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Block Diagram
20135301
Pin Description
Pin No.
Pin Name
Description
1V
DD
Voltage supply connection
2
IN 1
Input 1
3
IN 2
Input 2
4
ENABLE 2
Enable buffer 2
5V
SS
Ground connection
6
OUT 2
Output 2
7
OUT 1
Output 1
8
ENABLE 1
Enable buffer 1
Connection Diagram
8-Pin LLP
20135331
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin LLP
No Pull Back
LMV112SD
112SD
1k Units Tape and Reel
SDA08A
LMV112SDX
4.5k Units Tape and Reel
www.national.com
5


同様の部品番号 - LMV112SD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV112SD TI1-LMV112SD Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMV112SDX/NOPB TI1-LMV112SDX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
More results

同様の説明 - LMV112SD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
[Old version datasheet]   75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com