データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV112SDX データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV112SDX
部品情報  40 MHz Dual Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV112SDX データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV112SDX Datasheet HTML 3Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 4Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 5Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 6Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 7Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 8Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 9Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 10Page - National Semiconductor (TI) LMV112SDX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics T
J = 25˚C, VDD = 2.7V, VSS = 0V, Enable1,2 =VDD,CL =20
pF, R
L =30k
Ω and C
COUPLING = 1 nF, unless otherwise specified. (Continued)
Full Power Bandwidth
Gain Flatness 0.1 dB (GFN)
20135310
20135309
Voltage Noise
Isolation Output to Input vs. Frequency
20135329
20135317
Crosstalk Rejection vs. Frequency
Transient Response Positive
20135314
20135311
www.national.com
7


同様の部品番号 - LMV112SDX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV112SDX/NOPB TI1-LMV112SDX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
More results

同様の説明 - LMV112SDX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
[Old version datasheet]   75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com