データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-AG11-S0TYY データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-AG11-S0TYY
部品情報  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AG11-S0TYY データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-AG11-S0TYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-AG11-S0TYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Table 2. LED Indicators
Device Selection Guide for AlInGaP
Color and
Luminous
Luminous
Dominant
Intensity,
Intensity,
Leads
Wavelength
Iv (mcd) at
Iv (mcd) at
with
Leadframe
Package
Part Number
λd (nm) Typ.
20 mA Min.
20 mA Max.
Stand-offs
Orientation
Drawing
HLMP-AG01-K00xx
Red 626
310
No
Parallel
A
HLMP-AG11-KN0xx
Red 626
310
880
Yes
Parallel
B
HLMP-AL01-K00xx
Amber 590
310
No
Parallel
A
HLMP-AL01-LP0xx
Amber 590
400
1150
No
Parallel
A
HLMP-AL01-NR0xx
Amber 590
680
1900
No
Parallel
A
HLMP-AL11-KN0xx
Amber 590
310
880
Yes
Parallel
B
HLMP-AL11-NR0xx
Amber 590
680
1900
Yes
Parallel
B
HLMP-BG01-LM0xx
Red 626
400
520
No
Perpendicular
C
HLMP-BG01-MN0xx
Red 626
520
880
No
Perpendicular
C
HLMP-BG11-KN0xx
Red 626
310
880
Yes
Perpendicular
D
HLMP-BL01-NR0xx
Amber 590
680
1900
No
Perpendicular
C
HLMP-BL11-KN0xx
Amber 590
310
880
Yes
Perpendicular
D
HLMP-BL11-NR0xx
Amber 590
680
1900
Yes
Perpendicular
D
Table 3. Device Selection Guide for InGaN
Color and Dominant
Luminous Intensity,
Leads with
Leadframe
Package
Part Number
Wavelength λd (nm) Typ. Iv (mcd) at 20 mA Min.
Stand-offs
Orientation
Drawing
HLMP-AB01-J00xx
Blue 472
240
No
Parallel
A
HLMP-BB11-J00xx
Blue 472
240
Yes
Perpendicular
D
HLMP-BB11-K00xx
Blue 472
310
Yes
Perpendicular
D
HLMP-BM11-L00xx
Green 526
400
Yes
Perpendicular
D
HLMP-BM11-Q00xx
Green 526
1150
Yes
Perpendicular
D
HLMP-AB11-J00xx
Blue 472
240
Yes
Parallel
B
HLMP-AM01-Q00xx
Green 526
1150
No
Parallel
A
HLMP-BB01-J0Bxx
Blue 472
240
No
Perpendicular
C
HLMP-BB11-KN0xx
Blue 472
310
Yes
Perpendicular
D
HLMP-BM01-L00xx
Green 526
400
No
Perpendicular
C
Tolerance for intensity range limit is ±15%.


同様の部品番号 - HLMP-AG11-S0TYY

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62 AVAGO-HLMP-AG62 Datasheet
211Kb / 11P
   Viewing Angle: 30째x70째 and 40째x100째
HLMP-AG62-UX0DD AVAGO-HLMP-AG62-UX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG62-X10DD AVAGO-HLMP-AG62-X10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AG63 AVAGO-HLMP-AG63 Datasheet
211Kb / 11P
   Viewing Angle: 30째x70째 and 40째x100째
More results

同様の説明 - HLMP-AG11-S0TYY

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com