データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-BL11-S0TYY データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-BL11-S0TYY
部品情報  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BL11-S0TYY データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-BL11-S0TYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-BL11-S0TYY Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle
Major
1/2
70
deg
Minor
35
Forward Voltage
VF
VIF = 20 mA
Red (λd = 626 nm)
2.0
2.4
Red (λd = 630 nm)
Option xx0xx
2.2
2.4
Option xxTxx
2.3
2.6
Amber (λd = 590 nm)
2.0
2.4
Amber (λd = 592 nm)
Option xx0xx
2.2
2.4
Option xxRxx, xxSxx
2.3
2.6
Blue (λd = 472 nm)
3.5
4.0
Green (λd = 526 nm)
3.5
4.0
Reverse Voltage
Amber, Red
VR
520
V
IR = 100 µA
Blue, Green
5
IR = 10 µA
Peak Wavelength
Peak of Wavelength of
Amber (λd = 592 nm)
λpeak
594
nm
Spectral Distribution
Red (λd = 630 nm)
639
at IF = 20 mA
Blue (λd = 472 nm)
470
Green (λd = 526 nm)
524
Spectral Halfwidth
Wavelength Width
Amber (λd = 592 nm)
∆λ1/2
17
nm
at Spectral Distribution
Red (λd = 630 nm)
17
1/2 Power Point at
Blue (λd = 472 nm)
35
IF = 20 mA
Green (λd = 526 nm)
47
Capacitance
VF = 0, F = 1 MHz
Amber, Red
C
40
pF
Blue, Green
43
Luminous Efficacy
Emitted Luminous
Amber (λd = 592 nm)
ηv
500
lm/W
Power/Emitted Radiant
Red (λd = 630 nm)
155
Power at IF = 20 mA
Blue (λd = 472 nm)
75
Green (λd = 526 nm)
520
Thermal Resistance
J-PIN
240
°C/W
LED Junction-to-
Cathode Lead
Notes:
1. 2θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Ivv where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. The dominant wavelength, λd, is derived from theCIE Chromaticity Diagram and represents the color of the lamp.
6. For Options -xxRxx, -xxSxx and -xxTxx, max. forward voltage (Vf) is 2.6 V. Refer to Vf bin table.


同様の部品番号 - HLMP-BL11-S0TYY

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-N00 AVAGO-HLMP-BL06-N00 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-N00XX AVAGO-HLMP-BL06-N00XX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BLXX AVAGO-HLMP-BLXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

同様の説明 - HLMP-BL11-S0TYY

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com