データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F195A データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74F195A
部品情報  4-bit parallel-access shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F195A データシート(HTML) 5 Page - NXP Semiconductors

  74F195A Datasheet HTML 1Page - NXP Semiconductors 74F195A Datasheet HTML 2Page - NXP Semiconductors 74F195A Datasheet HTML 3Page - NXP Semiconductors 74F195A Datasheet HTML 4Page - NXP Semiconductors 74F195A Datasheet HTML 5Page - NXP Semiconductors 74F195A Datasheet HTML 6Page - NXP Semiconductors 74F195A Datasheet HTML 7Page - NXP Semiconductors 74F195A Datasheet HTML 8Page - NXP Semiconductors 74F195A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F195A
4-bit parallel-access shift register
1996 Mar 12
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
CC
,
IL
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
CC
,
IL
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
74F195A
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
all others
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
74F195A
–600
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
VCC = MAX
74F195A
40
58
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
f
Maximum clock
Load mode
Waveform
165
180
150
MHz
fMAX
frequency
Shift mode
NO TAG
180
190
170
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform
NO TAG
3.0
2.5
5.0
4.0
9.5
7.0
2.5
2.0
10.0
7.5
ns
tPLH
tPHL
Propagation delay
CP to Q3
Waveform
NO TAG
2.0
2.0
5.5
4.0
9.5
6.5
2.5
2.0
9.5
7.0
ns
tPHL
Propagation delay
MR to Qn
Waveform 2
2.0
4.0
7.0
2.0
7.0
ns
tPLH
Propagation delay
MR to Q3
Waveform 2
2.5
4.5
8.0
2.0
10.0
ns


同様の部品番号 - 74F195A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F190 NSC-74F190 Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F190PC NSC-74F190PC Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190PC FAIRCHILD-74F190PC Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F190SC NSC-74F190SC Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
More results

同様の説明 - 74F195A

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com