データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807-40 データシート(PDF) 2 Page - Weitron Technology

部品番号 BC807-40
部品情報  General Purpose Transistor PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC807-40 データシート(HTML) 2 Page - Weitron Technology

  BC807-40 Datasheet HTML 1Page - Weitron Technology BC807-40 Datasheet HTML 2Page - Weitron Technology BC807-40 Datasheet HTML 3Page - Weitron Technology BC807-40 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
WE IT R ON
BC807-16/BC807-25
V
V
DC Current Gain
(IC= -100mA, VCE=-1.0V)
(IC= -500mA,VCE=-1.0V)
Collector-Emitter Saturation Voltage
(IC= -500mA, IB=50mA)
Base-Emitter On Voltage
(IC= -500mA, IB=-1.0V)
hFE
VCE(sat)
VBE(on)
On Characteristics
-
-
-
-
-
-
-
-
-
-0.7
-1.2
-
-
-
-
-
-
Small-signal Characteristics
Current-Gain-Bandwidth Product
(IC= -10mA, VCE= -5.0VDC, f=100MHz)
Output Capacitance
(VCB= -10V, f=1.0MHz)
fT
Cobo
MHz
pF
100
-
10
-
-
-
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
Typ
BC807-40
BC807-16
BC807-25
BC807-40
100
160
250
40
250
400
600
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
Typ
Collector-Emitter Breakdown Voltage
(IC= -10mA)
Collector-Emitter Breakdown Voltage
(IC=-10 µA ,VEB=0)
Emitter-Base Breakdown Voltage
(IE=-1.0 µA)
Collector Cutoff Current (VCB=20V)
(VCB=20V, TA=150 C)
V(BR)CEO
V(BR)CES
V(BR)EBO
ICBO
nA
mA
Off Characteristics
V
V
V
-45
-50
-5.0
-
-
-
-
-
-
-
-
-
-
100
5.0


同様の部品番号 - BC807-40

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Taiwan Semiconductor Co...
BC807-40 TSC-BC807-40 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC807-40 MCC-BC807-40 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Transys Electronics
BC807-40 TRSYS-BC807-40 Datasheet
303Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
More results

同様の説明 - BC807-40

メーカー部品番号データシート部品情報
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com