データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC848CDW データシート(PDF) 1 Page - Weitron Technology

部品番号 BC848CDW
部品情報  General Purpose Transistor NPN Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC848CDW データシート(HTML) 1 Page - Weitron Technology

  BC848CDW Datasheet HTML 1Page - Weitron Technology BC848CDW Datasheet HTML 2Page - Weitron Technology BC848CDW Datasheet HTML 3Page - Weitron Technology BC848CDW Datasheet HTML 4Page - Weitron Technology BC848CDW Datasheet HTML 5Page - Weitron Technology BC848CDW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose Transistor
NPN Duals
Maximum Ratings
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
BC846
65
80
Unit
Vdc
Vdc
Vdc
mAdc
100
BC847
45
50
6.0
100
A
BC848
30
30
5.0
100
Rating
BC846BDW=1B, BC847BDW=1F, BC848CDW=1L
Device Marking
WEITRON
BC846BDW Series
http://www.weitron.com.tw
Total Device Dissipation Per Device
FR-5 Board(1) T =25 C
Derate Above 25 C
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature
Characteristics
TJ,Tstg
PD
Symbol
Max
380
250
3.0
328
-55 to +150
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
R JA
Note:
FR-5=1.0 0.75 0.062 in
SOT-363(SC-88)
3
4
5
1
2
6
NPN+NPN
1
2
3
6 5
4
θ
6.0
-
-


同様の部品番号 - BC848CDW

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
BC848CDW YEASHIN-BC848CDW Datasheet
929Kb / 6P
   Dual General Purpose Transistors
logo
FutureWafer Tech Co.,Lt...
BC848CDW FUTUREWAFER-BC848CDW Datasheet
2Mb / 15P
   NPN Silicon Epitaxial General Purpose Transistors
20-DEC-2021 V 2.1
logo
ON Semiconductor
BC848CDW1 ONSEMI-BC848CDW1 Datasheet
110Kb / 11P
   Dual General Purpose Transistors
August, 2016 ??Rev. 11
BC848CDW1T1 ONSEMI-BC848CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC848CDW1T1 ETL-BC848CDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
More results

同様の説明 - BC848CDW

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com