データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SD090SA60A データシート(PDF) 1 Page - Sensitron

部品番号. SD090SA60A
部品情報  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 °C TJ Operation)
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo 

SD090SA60A Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD090SA60A/B/C
Technical Data
Data Sheet 4946, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop (150
°C T
J Operation)
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings
(1) :
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form
7.5
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
140
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25
°C, I
AS = 2.0 A,
L = 6.5 mH
13.0
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1
µs
ƒ limited by T
J max VA=1. 5VR
2.0
A
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics
(1) :
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25
°C
0.56
V
VF2
@ 7.5A, Pulse, TJ = 125
°C
0.51
V
Max. Reverse Current
IR1
@VR = 60V, Pulse,
TJ = 25
°C
1.0
mA
IR2
@VR = 60V, Pulse,
TJ = 125
°C
70
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
°C
fSIG = 1MHz,
VSIG = 50mV (p-p)
400
pF
(1) in SHD package


Html ページ

1  2  3 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SD125SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
SD040SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD040SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 C TJ Operation 1 2 3 Sensitron
SD060SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 C TJ Operation 1 2 3 Sensitron
SD060SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 C TJ Operation 1 2 3 Sensitron

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn