データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F3037 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74F3037
部品情報  Quad 2-input NAND 30ohm driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F3037 データシート(HTML) 2 Page - NXP Semiconductors

  74F3037 Datasheet HTML 1Page - NXP Semiconductors 74F3037 Datasheet HTML 2Page - NXP Semiconductors 74F3037 Datasheet HTML 3Page - NXP Semiconductors 74F3037 Datasheet HTML 4Page - NXP Semiconductors 74F3037 Datasheet HTML 5Page - NXP Semiconductors 74F3037 Datasheet HTML 6Page - NXP Semiconductors 74F3037 Datasheet HTML 7Page - NXP Semiconductors 74F3037 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F3037
Quad 2-input NAND 30
Ω driver
2
February 9, 1990
853 0021 98744
FEATURES
30Ω line driver
67mA output drive capability in the high state
High speed
Facilitates incident wave switching
3nh lead inductance each on V
CC and GND when both
side pins are used
160mA output drive capability in the low state
Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F3037 is a high current line driver composed of four
2–input NAND gates. It has been designed to deal with the
transmission line effects of PC boards which appear when
fast edge rates are used.
The drive capability of the 74F3037 is 67mA source and
160mA sink with a VCC as low as 4.5V. This guarantees
incident wave switching with VOH not less than 2.0V and VOL
not more than 0.8mA while driving impedances as low as 30
ohms. This is applicable with any combination of outputs
using continuous duty. The propagation delay of the part is
minimally affected by reflections when terminated only by
the TTL inputs of other devices. Performances may be
improved by full or partial line termination.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT( TOTAL)
74F3037
2.0ns
16mA
ORDERING INFORMATION
ORDER CODE
COMMERCIAL RANGE
INDUSTRIAL RANGE
DESCRIPTION
VCC = 5V ±10%,
VCC = 5V ±10%,
PKG DWG #
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
16–pin plastic DIP
N74F3037N
I74F3037N
SOT38-4
16–pin plastic SOL
N74F3037D
I74F3037D
SOT162-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dna, Dnb
Data inputs
1.0/1.0
20
µA/0.6mA
Qn
Data output
3350/266
67mA/160mA
Note to input and output loading and fan out table
One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
LOGIC DIAGRAM
D0a
D0b
D1a
D1b
D2a
Q0
D2b
D3a
D3b
Q1
Q2
Q3
VCC = Pin 12,13
GND = Pin 4, 5
SF00569
3
6
9
16
1
2
7
8
10
11
14
15
FUNCTION TABLE
INPUTS
OUTPUT
Dna
Dnb
Qn
L
L
H
L
H
H
H
L
H
H
H
L
Notes to function table
H = High voltage level
L
= Low voltage level


同様の部品番号 - 74F3037

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F3038 PHILIPS-74F3038 Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
More results

同様の説明 - 74F3037

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com