データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ170CA データシート(PDF) 3 Page - Weitron Technology

部品番号 SMAJ170CA
部品情報  400W Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMAJ170CA データシート(HTML) 3 Page - Weitron Technology

  SMAJ170CA Datasheet HTML 1Page - Weitron Technology SMAJ170CA Datasheet HTML 2Page - Weitron Technology SMAJ170CA Datasheet HTML 3Page - Weitron Technology SMAJ170CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
http://www.weitron.com.tw
SMAJ5.0A/CA thru
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A — Ambient Temperature ( oC )
1
5
10
50
100
tp — P ulse Duration (sec)
FIG. 2 –Pulse Derating Curve
FIG.1 – Peak Pulse Power Rating Curve
0.1
1
10
100
0.1ms
1.0ms
10ms
td — P ulse Width (sec.)
100ms
1.0ms
10ms
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
FIG.5 – Typical Transient Thermal
Impedance
Non-repetitive P ulse
Waveform shown in F IG . 3
T A = 25 oC
FIG.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
Number of C ycles at 60 Hz
10
100
1,000
10,000
10
1
100
200
VWM — R everse S tand-off Voltage (V)
T J = 25 oC
f = 1.0MHz
V sig = 50mV p-p
Measured at
S tand-Off
Voltage, V WM
Uni-Directional
B i-Directional
10
50
100
200
T J = TJ max.
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
FIG. 4 – Typical Junction Capacitance
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
FIG. 3 – Pulse Wavef orm
T J = 25 oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10 sec.
P eak Value
IPPM
Half Value — IP P
IPPM
2
td
10/1000 sec. Waveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
S MAJ 5.0 --
S MAJ 78
S MAJ 85 --
S MAJ 170
SMAJ170A/CA
u


同様の部品番号 - SMAJ170CA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAJ170CA DIODES-SMAJ170CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Zowie Technology Corpor...
SMAJ170CA ZOWIE-SMAJ170CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMAJ170CA LITTELFUSE-SMAJ170CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SMAJ170CA YINT-SMAJ170CA Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Diodes Incorporated
SMAJ170CA DIODES-SMAJ170CA Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
More results

同様の説明 - SMAJ170CA

メーカー部品番号データシート部品情報
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
   400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Zibo Seno Electronic En...
P4KE ZSELEC-P4KE Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P4SMA6.8CA HUAXINAN-P4SMA6.8CA Datasheet
447Kb / 5P
   400W Transient Voltage Suppressors
P4SMFT3.3CA HUAXINAN-P4SMFT3.3CA Datasheet
424Kb / 5P
   400W Transient Voltage Suppressors
SMAJ5.0CA HUAXINAN-SMAJ5.0CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
P4KE6.8CA HUAXINAN-P4KE6.8CA Datasheet
428Kb / 5P
   400W Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com