データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS-12G データシート(PDF) 5 Page - C&K Components

部品番号 PS-12G
部品情報  Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G データシート(HTML) 5 Page - C&K Components

  PS-12G_V01 Datasheet HTML 1Page - C&K Components PS-12G_V01 Datasheet HTML 2Page - C&K Components PS-12G_V01 Datasheet HTML 3Page - C&K Components PS-12G_V01 Datasheet HTML 4Page - C&K Components PS-12G_V01 Datasheet HTML 5Page - C&K Components PS-12G_V01 Datasheet HTML 6Page - C&K Components PS-12G_V01 Datasheet HTML 7Page - C&K Components PS-12G_V01 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4.5
0.6
2
2
5.8
2
2.5
3.6
2
2
6- ø 1.0
0.3
b
b
b
b
b
b
2
PIERCING PLAN
A-155
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A
Dimensions
WIDTH X DEPTH: 5.8 x 5.8 mm
HEIGHT: 10 mm
Specifications
CONTACT RATING: 0.1A @ 30 VDC / 2A @ 2 VDC
INITIAL CONTACT RESISTANCE: 80 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE:
150 ± 50 gf (1.47 ± 0.49N)
LOCK TRAVEL: 1.3 mm
TOTAL TRAVEL: 2.1 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM Natural
HOUSING: PA Black
COVER: PC Grey
TERMINAL: Bras, silver plated
CONTACT CLIP: Phosphor bronze, silver clad
SPRING: Stainless steel
HOOK LOCK: Stainless steel (latch)
PS-22 Series
Subminiature Pushbutton Switches
PART NUMBER
PACKAGING
SCHEMATIC
PS-221605-L NS
1,000 pieces
2
1
28 Nov 22


同様の部品番号 - PS-12G_V01

メーカー部品番号データシート部品情報
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Latching pushbutton
PS-12G03 CK-COMPONENTS-PS-12G03 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G03 CK-COMPONENTS-PS-12G03 Datasheet
559Kb / 16P
   Latching pushbutton
More results

同様の説明 - PS-12G_V01

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com