データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS-220TA1 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 CAS-220TA1
部品情報  SLIDE SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CAS-220TA1 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  CAS-220TA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAS-220TA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAS-220TA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAS-220TA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAS-220TA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAS-220TA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SLIDE SWITCHES (SMD)
CAS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
s SOLDERING CONDITIONS
q Soldering iron
3 s maximum at 300 °C
q Vapor-phase soldering
215 °C, less than 35 s
q Infrared reflow soldering
The temperature profile shown at right is recommended for
reflow soldering. However, process carefully in case of
infrared heater, because the absoription rate of the
object may vary according to its color, material, etc. and
thus heating rate can be different. Please note that the
surface temperature of the product should not exceed
240 ˚C. When the product temperature exceeds 250 °C,
deformation may occur due to heat.
Tp
Tm
tm
Time
3~4 min
Tp
240
°C (Peak temperature)
Tm
180
°C (Melting point temperature)
tm
10 s
(Melting time)
<Taping packaging specifications>
q Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
q Taping version is boxed with two reels (2000 pcs.).
q Embossed tape dimensions
q Reel dimensions
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
Leader
2
±0.5
16.4
22.4 max.
0
+2
13
±0.2
φ
21
±0.8
φ
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
q Reel & embossed tape materials
Embossed tape: Plastic
Reel: Paper
q Embossed tape pull strength
10 N {1.02 kgf} minimum
q Peeling strength of seal tape
0.1~0.7 N {10.2~71.4 gf}
q Test method for peeling strength of seal tape
Seal cover tape
165
°~180°
Direction of feed
Carrier tape
Peel direction
(300 mm/min)
s PACKAGING SPECIFICATIONS
{ } : Reference only


同様の部品番号 - CAS-220TA1

メーカー部品番号データシート部品情報
logo
Copal Electronics
CAS-220TA1 COPAL-CAS-220TA1 Datasheet
961Kb / 6P
   SLIDE SWITCHES
More results

同様の説明 - CAS-220TA1

メーカー部品番号データシート部品情報
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com