データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F541 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74F541
部品情報  Octal inverter buffer 3- State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F541 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74F541 Datasheet HTML 2Page - NXP Semiconductors 74F541 Datasheet HTML 3Page - NXP Semiconductors 74F541 Datasheet HTML 4Page - NXP Semiconductors 74F541 Datasheet HTML 5Page - NXP Semiconductors 74F541 Datasheet HTML 6Page - NXP Semiconductors 74F541 Datasheet HTML 7Page - NXP Semiconductors 74F541 Datasheet HTML 8Page - NXP Semiconductors 74F541 Datasheet HTML 9Page - NXP Semiconductors 74F541 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F540, 74F541
Buffers
1990 Jan 08
7
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


同様の部品番号 - 74F541

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F541 FAIRCHILD-74F541 Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541 FAIRCHILD-74F541 Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74F541PC NSC-74F541PC Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F541PC FAIRCHILD-74F541PC Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541PC FAIRCHILD-74F541PC Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74F541

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
   Octal inverter buffer (3- State)
1990 Jan 08
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com