データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62S051AFM データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TD62S051AFM
部品情報  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62S051AFM データシート(HTML) 5 Page - Toshiba Semiconductor

  TD62S051AFM Datasheet HTML 1Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 2Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 3Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 4Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 5Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 6Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 7Page - Toshiba Semiconductor TD62S051AFM Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TD62S051AFM
2001-12-05
5
9. tON, tOFF
Note 6: Pulse width 50
ms, Duty cycle 10%
Output impedance 50
W, tr <= 5 ns, tf <= 10 ns
Note 7: CL includes probe and jig capacitance.
Pulse
generator
INPUT
CL = 15 pF
(Note 7)
(Note 6)
VCC OPEN VOUT
OUTPUT
90%
90%
90%
10%
10%
50%
50%
tON
tOFF
tf
tr
5 V
0
VOH
VOL
50
ms
10%
OUTPUT
INPUT
Caution on Application
1. The device does not include protectors such as an overcurrent protector and an overvoltage protector.
Applying excessive current or voltage may damage the device.
Thus, design with great care to prevent excessive current or voltage from being applied to the device.
The device may also be damaged by short-circuits between outputs and power supply/ground.
Take care when designing output, VCC and GND line.
2. Be sure to mount the device in the correct orientation. Make sure that the positive and negative
power supply pins are connected the right way round. Otherwise, the absolute maximum current
and power dissipation ratings may be exceeded and the device may break down or undergo
performance degradation, causing it to catch fire or explode, and resulting in injury.


同様の部品番号 - TD62S051AFM

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62S050AFM TOSHIBA-TD62S050AFM Datasheet
118Kb / 5P
   TD62S050AFM
More results

同様の説明 - TD62S051AFM

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com