データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F552 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74F552
部品情報  Octal registered transceiver with parity and flags 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74F552 Datasheet HTML 2Page - NXP Semiconductors 74F552 Datasheet HTML 3Page - NXP Semiconductors 74F552 Datasheet HTML 4Page - NXP Semiconductors 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors 74F552 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
1991 Jan 02
6
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +VCC
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
FR, FS, ERROR
40
mA
IOUT
Current applied to output in Low output state
A0–A7
48
mA
B0–B7, PARITY
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
FR, FS, ERROR
–1
mA
IOH
High-level output current
A0–A7
–3
mA
B0–B7, PARITY
–15
mA
FR, FS, ERROR
20
mA
IOL
Low-level output current
A0–A7
24
mA
B0–B7, PARITY
64
mA
Tamb
Operating free-air temperature range
0
70
°C


同様の部品番号 - 74F552

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F552 FAIRCHILD-74F552 Datasheet
80Kb / 8P
   Octal Registered Transceiver with Parity and Flags
74F552QC FAIRCHILD-74F552QC Datasheet
80Kb / 8P
   Octal Registered Transceiver with Parity and Flags
74F552SC FAIRCHILD-74F552SC Datasheet
80Kb / 8P
   Octal Registered Transceiver with Parity and Flags
More results

同様の説明 - 74F552

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F552 FAIRCHILD-74F552 Datasheet
80Kb / 8P
   Octal Registered Transceiver with Parity and Flags
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com