データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F648 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74F648
部品情報  Octal transceiver/register, non-inverting 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F648 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74F648 Datasheet HTML 7Page - NXP Semiconductors 74F648 Datasheet HTML 8Page - NXP Semiconductors 74F648 Datasheet HTML 9Page - NXP Semiconductors 74F648 Datasheet HTML 10Page - NXP Semiconductors 74F648 Datasheet HTML 11Page - NXP Semiconductors 74F648 Datasheet HTML 12Page - NXP Semiconductors 74F648 Datasheet HTML 13Page - NXP Semiconductors 74F648 Datasheet HTML 14Page - NXP Semiconductors 74F648 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
74F646/A/74F648/A
Transceivers/registers
1990 Sep 25
11
AC ELECTRICAL CHARACTERISTICS FOR 74F648A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
160
185
135
ns
tPLH
tPHL
Propagation delay
CPAB or CPBA to An or Bn
Waveform 1
5.0
5.5
7.0
7.5
9.5
10.0
4.5
4.5
10.5
10.5
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform 3
2.5
4.0
4.5
6.0
7.5
8.5
2.0
4.0
8.5
9.5
ns
tPLH
tPHL
Propagation delay
SAB or SBA to An or Bn
Waveform 2, 3
4.0
4.5
7.0
7.0
9.5
9.5
3.5
4.5
11.5
10.0
ns
tPZH
tPZL
Output enable time
OE to An or Bn
Waveform 5
Waveform 6
3.5
4.5
6.5
6.5
10.0
10.0
3.5
4.0
11.0
11.5
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
Waveform 5
Waveform 6
3.5
4.0
5.5
6.5
8.5
9.5
3.0
4.0
9.0
10.0
ns
tPHZ
tPLZ
Output disable time
OE to An or Bn
Waveform 5
Waveform 6
2.5
4.0
4.0
6.5
6.5
9.0
2.0
3.5
8.0
10.0
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
Waveform 5
Waveform 6
2.5
2.5
5.0
5.0
8.5
8.0
2.0
3.5
9.0
9.0
ns
AC SETUP REQUIREMENTS FOR 74F648A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
An or Bn to CPAB or CPBA
Waveform 4
4.0
4.0
4.5
4.5
ns
th (H)
th (L)
Hold time, high or low
An or Bn to CPAB or CPBA
Waveform 4
0
0
0
0
ns
tw (H)
tw (L)
Pulse width, high or low
CPAB or CPBA
Waveform 1
3.5
3.5
4.0
3.5
ns
AC WAVEFORMS
CPBA
or
CPAB
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
An or Bn
SF00394
Waveform 1. Propagation delay for clock input to output clock
pulse width, and maximum clock frequency
SF00395
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SBA or SAB
An or Bn
Waveform 2. Propagation delay for An to Bn or Bn to An and
SAB or SBA to An or Bn


同様の部品番号 - 74F648

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F648 NSC-74F648 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648FCQB NSC-74F648FCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648FCX NSC-74F648FCX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648FMQB NSC-74F648FMQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648FMX NSC-74F648FMX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

同様の説明 - 74F648

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com