データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMC6MXX-XX-1 データシート(PDF) 8 Page - Sensitron

部品番号 SMC6MXX-XX-1
部品情報  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6MXX-XX-1 データシート(HTML) 8 Page - Sensitron

Back Button SMC6MXX-XX-1 Datasheet HTML 4Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 5Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 6Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 7Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 8Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 9Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 10Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 11Page - Sensitron SMC6MXX-XX-1 Datasheet HTML 12Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 8
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
Pin Descriptions
Vcc ( Pin 1 ), is the input biasing supply connection for the controller. Under-voltage lockout
keeps all outputs off for Vcc below 10.5V. Vcc pin should be connected to an isolated 15V
power supply. The return of Vcc is pin 19.
EA1- ( Pin 2 ), is the error amplifier inverting input.
EA2+ ( Pin 3 ), is the non-inverting input of a spare amplifier.
EA1+ ( Pin 4 ), is the error amplifier non-inverting input. EA1- and EA1+ are not internally
committed to allow for a wide variety of uses. They can be connected to Io for current-mode
control, or Tach output for voltage-mode control.
+5V Ref( Pin 5 ), is a 5V reference with 30mA of maximum available output current. This pin
should bypassed to Gnd with 1-5
µF capacitor depending on the load current.
EA2- ( Pin 6 ), is the inverting input of a spare amplifier.
EA2 ( Pin 7 ), out is the output of a spare amplifier.
EA1 ( Pin 8 ), out is the output of the error amplifier and is internally connected to the PWM
comparator.
Ioc-Ref ( Pin 9 ), is the over-current reference voltage. It is internally set to 1.15V. This
reference can be reduced by connecting a resistor between Ioc Ref and Gnd . The resistor
value is
R= (Ioc-Ref) /(0.05 - 0.043*(Ioc-Ref)) K
(1)
Also, Ioc Ref can be increased by connecting a resistor between Ioc Ref and the 5V
reference. The resistor value is
R= (5.0 – (Ioc-Ref))/(0.043*(Ioc-Ref) – 0.05) K
(2)
This pin is connected to the over-current comparator for cycle-by-cycle current limiting. The
over-current reference voltage is set according to the formula
Ioc-Ref=Rs*Ip*5 volts
(3)
Where Rs is the current sense resistor value in ohms and Ip is peak current limit in amperes.
Dir out ( Pin 10 ), is direction output representing the actual direction of the rotor as
decoded from the hall sensors. There are two valid transitions of the hall sensor inputs; one
translates to a clockwise rotation and another which translates to a counterclockwise rotation.
The polarity of Dir-out is the same as Dir-in while motoring.
SMC6MXX-XX
SMC6MXX-XX-1


同様の部品番号 - SMC6MXX-XX-1

メーカー部品番号データシート部品情報
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25 SENSITRON-SMC6M40-25 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25-1 SENSITRON-SMC6M40-25-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

同様の説明 - SMC6MXX-XX-1

メーカー部品番号データシート部品情報
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com