データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMC6M50-XX データシート(PDF) 5 Page - Sensitron

部品番号 SMC6M50-XX
部品情報  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M50-XX データシート(HTML) 5 Page - Sensitron

  SMC6M50-XX Datasheet HTML 1Page - Sensitron SMC6M50-XX Datasheet HTML 2Page - Sensitron SMC6M50-XX Datasheet HTML 3Page - Sensitron SMC6M50-XX Datasheet HTML 4Page - Sensitron SMC6M50-XX Datasheet HTML 5Page - Sensitron SMC6M50-XX Datasheet HTML 6Page - Sensitron SMC6M50-XX Datasheet HTML 7Page - Sensitron SMC6M50-XX Datasheet HTML 8Page - Sensitron SMC6M50-XX Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 5
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
SPECIFICATION NOTES:
1-
All parameters specified for Ta = 2C, Vcc = 15Vdc, and all Phase Outputs unloaded. All negative currents shown are sourced
by (flow from) the pin under test
2-
Either ISH or ISL may be driven over the range shown.
3-
Pulse Test: Pulse Width < 300 µSec, Duty Cycle < 2%.
PINOUTS
PIN#
NAME
PIN#
NAME
1
VCC
23
Speed Input
2
EA1 “-” Input
24
Direction Input
3
EA2 “+” Input
25
CSH
4
EA1 “+” Input
26
CSL
5
+5V Reference Output
27
+VDC Return
6
EA2 “-” Input
28
+VDC Return
7
EA2 Output
29
Source C
8
EA1 Output
30
Source C
9
Ioc Ref
31
Phase C Output
10
Direction Out
32
Phase C Output
11
Iso
33
+VDC
12
ISH
34
Source B
13
ISL
35
Source B
14
Quad Select Input
36
Phase B Output
15
Tachometer Output
37
Phase B Output
16
Brake Input
38
+VDC
17
Over-voltage/Coast Input
39
Source A
18
Start/Stop Input
40
Source A
19
Ground
41
Phase A Output
20
HC Input
42
Phase A Output
21
HB Input
43
+VDC
22
HA Input
(Case)
(No Connection)
SMC6MXX-XX
SMC6MXX-XX-1


同様の部品番号 - SMC6M50-XX

メーカー部品番号データシート部品情報
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25 SENSITRON-SMC6M40-25 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25-1 SENSITRON-SMC6M40-25-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

同様の説明 - SMC6M50-XX

メーカー部品番号データシート部品情報
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com