データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F822 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74F822
部品情報  Bus interface registers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F822 データシート(HTML) 3 Page - NXP Semiconductors

  74F822 Datasheet HTML 1Page - NXP Semiconductors 74F822 Datasheet HTML 2Page - NXP Semiconductors 74F822 Datasheet HTML 3Page - NXP Semiconductors 74F822 Datasheet HTML 4Page - NXP Semiconductors 74F822 Datasheet HTML 5Page - NXP Semiconductors 74F822 Datasheet HTML 6Page - NXP Semiconductors 74F822 Datasheet HTML 7Page - NXP Semiconductors 74F822 Datasheet HTML 8Page - NXP Semiconductors 74F822 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
3
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
74F821
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F822
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F823
CE
Clock enable input (active low)
1.0/3.0
20
µA/1.8mA
74F824
MR
Master reset input (active low)
1.0/3.0
20
µA/1.8mA
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F825
CE
Clock enable input (active low)
1.0/3.0
20
µA/1.8mA
74F826
MR
Master reset input (active low)
1.0/3.0
20
µA/1.8mA
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION – 74F821
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
GND
OE
CP
Q0
Q3
Q4
Q5
Q6
VCC
Q7
Q1
Q2
Q8
Q9
D0
D3
D4
D5
D6
D7
D1
D2
D8
D9
SF00482
LOGIC SYMBOL – 74F821
CP
OE
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
13
1
D0 D1 D2 D3 D4 D5 D6 D7
23
45
67
8
9
23
22
21
20
19
18
17
16
VCC = Pin 24
GND = Pin 12
D8 D9
10
11
Q8 Q9
15
14
SF00483


同様の部品番号 - 74F822

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F821 NSC-74F821 Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
59Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74F821SC NSC-74F821SC Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821SC FAIRCHILD-74F821SC Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
More results

同様の説明 - 74F822

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver/Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com