データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA42104M035AA データシート(PDF) 1 Page - DB Lectro Inc

部品番号 CA42104M035AA
部品情報  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DBLECTRO [DB Lectro Inc]
ホームページ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42104M035AA データシート(HTML) 1 Page - DB Lectro Inc

  CA42104M035AA Datasheet HTML 1Page - DB Lectro Inc CA42104M035AA Datasheet HTML 2Page - DB Lectro Inc CA42104M035AA Datasheet HTML 3Page - DB Lectro Inc CA42104M035AA Datasheet HTML 4Page - DB Lectro Inc CA42104M035AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
Features
Small units with high stable performance, lower current leakage and dissipation factor, stable
frequency and temperature and long life. suitable for military equipment and computer ,telephone
and other electronic products. Meets IEC384-15-3 and GB7215-87 standard.
-55
æ
æ
æ
æ
+85
æ
æ
æ
æ
+125
æ
æ
æ
æ
-55
æ
æ
æ
æ
+20
æ
æ
æ
æ
+85
æ
æ
æ
æ
+125
æ
æ
æ
æ
+85
æ
æ
æ
æ
+125
æ
æ
æ
æ
Ü
Ü
Ü
Ü1.0
646
6
1.5~6.8
8
6
8
8
10~68
10
8
10
10
100~330
12
10
12
12
12.5 I0
–10
–15
–25
10 I0
Cap.(
Ì
Ì
Ì
ÌF)
Capacitance Change
¨
¨
¨
¨%©
©
©
©
Max D.F(%)
Max DCL
¨Ì
¨Ì
¨Ì
¨ÌA©
©
©
©
General Characteristics
Operating temperature : -55°C ~125°C
Capacitance Tolerance :±20% ,±10%,±5% (Special Order).
Capacitance Range :0.1µF~330 µF
DC leakage current(20°C) I0 < =0.01CR UR or 0.5µA (whichever is greater)
.
Dissipation factor (20°C)See table 1
Temperature performance: see table 1.
Climatic category: 55/125/10.
Life test: 1000 hours
Table 1
Case
D
H
L
d
Size
¨MAX©¨MAX©¨–1©¨–0.05©
A
4.0
6.0
14.0
0.5
B
4.8
7.2
14.0
0.5
C
5.5
8.0
14.0
0.5
D
6.0
9.4
14.0
0.5
E
7.2
11.5
14.0
0.5
F
8.2
12.5
14.0
0.5
DIMENSIONS IN MM
Exterior Dimensions
PD
P0
T
1
¤h
-0.5
H
W0
S2.5–0.5 5.0–0.7
0.75
-0.5
1
0
H1
¤P
P1
5.10–
0.5
3.85–
0.7
32.5max
–1.3max
W2
0P2
6.35–0.4
5min
H2
9
W18
0–2.0
16–0.5
12.7–1.0
4.0–0.3
12.7–0.3
0.5–0.2
Symbol
Dimensions
Symbol
Dimensions
(mm)
(mm)
Marking&Packaging
Packaging Tape B:Bulk T:Reel A:Ammo
Dimension of tape and reel(Per specification IEC286-2)
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


同様の部品番号 - CA42104M035AA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CA4200 VISHAY-CA4200 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

同様の説明 - CA42104M035AA

メーカー部品番号データシート部品情報
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com