データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC1G04 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HC1G04
部品情報  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G04 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HC1G04 Datasheet HTML 2Page - NXP Semiconductors 74HC1G04 Datasheet HTML 3Page - NXP Semiconductors 74HC1G04 Datasheet HTML 4Page - NXP Semiconductors 74HC1G04 Datasheet HTML 5Page - NXP Semiconductors 74HC1G04 Datasheet HTML 6Page - NXP Semiconductors 74HC1G04 Datasheet HTML 7Page - NXP Semiconductors 74HC1G04 Datasheet HTML 8Page - NXP Semiconductors 74HC1G04 Datasheet HTML 9Page - NXP Semiconductors 74HC1G04 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 May 17
6
Philips Semiconductors
Product specification
Inverter
74HC1G04; 74HCT1G04
Family 74HCT1G04
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
1.6
2.0
V
VIL
LOW-level input
voltage
4.5 to 5.5
1.2
0.8
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −20 µA
4.5
4.4
4.5
4.4
V
VI =VIH or VIL;
IO = −2.0 mA
4.5
4.13
4.32
3.7
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =20 µA
4.5
0
0.1
0.1
V
VI =VIH or VIL;
IO = 2.0 mA
4.5
0.15
0.33
0.4
V
ILI
input leakage current VI =VCC or GND
5.5
−−
1.0
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
10
20
µA
∆I
CC
additional supply
current per input
VI =VCC − 2.1 V;
IO =0
4.5 to 5.5
−−
500
850
µA


同様の部品番号 - 74HC1G04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC1G04 NXP-74HC1G04 Datasheet
76Kb / 11P
   Inverter
Rev. 04-16 July 2007
logo
Nexperia B.V. All right...
74HC1G04 NEXPERIA-74HC1G04 Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
74HC1G04-Q100 NEXPERIA-74HC1G04-Q100 Datasheet
678Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74HC1G04GV NXP-74HC1G04GV Datasheet
76Kb / 11P
   Inverter
Rev. 04-16 July 2007
logo
Nexperia B.V. All right...
74HC1G04GV NEXPERIA-74HC1G04GV Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
More results

同様の説明 - 74HC1G04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com