データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4050N データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC4050N
部品情報  Hex high-to-low level shifter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4050N データシート(HTML) 5 Page - NXP Semiconductors

  74HC4050N Datasheet HTML 1Page - NXP Semiconductors 74HC4050N Datasheet HTML 2Page - NXP Semiconductors 74HC4050N Datasheet HTML 3Page - NXP Semiconductors 74HC4050N Datasheet HTML 4Page - NXP Semiconductors 74HC4050N Datasheet HTML 5Page - NXP Semiconductors 74HC4050N Datasheet HTML 6Page - NXP Semiconductors 74HC4050N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Hex high-to-low level shifter
74HC4050
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VCC
DC supply voltage
−0.5
+7
V
VIK
DC input voltage range
−0.5
+16
V
−I
IK
DC input diode current
20
mA
for VI <−0.5 V
±IOK
DC output diode current
20
mA
for VO <−0.5 V or VO > VCC + 0.5 V
±I
O
DC output source or sink current
- standard outputs
25
mA
for
−0.5 V < VO < VCC + 0.5 V
±ICC;
±IGND
DC VCC or GND current for types
with:
- standard outputs
50
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range:
−40 to +125 °C
74HC
plastic DIL
750
mW
above +70
°C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above +70
°C: derate linearly with 8 mW/K
SYMBOL
PARAMETER
74HC
UNIT
CONDITIONS
min.
typ.
max.
VCC
DC supply voltage
2.0
5.0
6.0
V
VI
DC input voltage range
GND
15
V
Tamb
operating ambient temperature range
−40
+85
°C
see DC and AC
characteristics
Tamb
operating ambient temperature range
−40
+125
°C
tr, tf
input rise and fall times
6.0
1000
500
400
650
1000
ns
VCC = 2.0 V; VIN = 2.0 V
VCC = 4.5 V; VIN = 4.5 V
VCC = 6.0 V; VIN = 6.0 V
VCC = 6.0 V; VIN = 10.0 V
VCC = 6.0 V; VIN = 15.0 V


同様の部品番号 - 74HC4050N

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
Toshiba Semiconductor
74HC4050AF TOSHIBA-74HC4050AF Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
74HC4050D TOSHIBA-74HC4050D Datasheet
205Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.4.0
logo
Nexperia B.V. All right...
74HC4050D NEXPERIA-74HC4050D Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
More results

同様の説明 - 74HC4050N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com