データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

1N5913BG データシート(PDF) 1 Page - Microsemi Corporation

部品番号. 1N5913BG
部品情報  Axial-Leaded 1.5 Watt Zener Diodes
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo 

1N5913BG Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Axial-Leaded 1.5 Watt Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-03-2003 REV B
SCOTTSD A L E DIVISION
1N5913BG thru 1N5956BG (Glass)
DESCRIPTION
APPEARANCE
The 1N5913BG-5956BG series of 1.5 watt Zeners provides voltage
regulation in a selection from 3.3 to 200 volts with different tolerances as
identified by suffix letter on the part. These glass encapsulated Zeners with
a G suffix provide hermetic-sealed qualities and higher rated temperature
when required beyond that optionally provided in equivalent plastic-body
constructions (P suffix) for the same JEDEC part numbers. Both package
options are available by Microsemi.
A variety of other Zener product
offerings and packages are available by Microsemi to meet higher or lower
power and test-current applications.
DO-41 or
DO-204AL
(Glass)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N5913B to 1N5956B
Zener voltage available 3.3V to 200V
Standard voltage tolerances are plus/minus 5%
with B suffix and 10 % with A suffix identification
Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
Surface mount equivalents available as SMBJ5913
to SMBJ5956B, SMBG5913 to SMBG5956B, or
MLL5913B to MLL5956B
Plastic body axial-leaded Zener equivalents are
also available as 1N5913BP to 1N5956BP
Regulates voltage over a broad operating current
and temperature range
Wide selection from 3.3 to 200 V
Flexible axial-lead mounting terminals
Metallurgically enhanced internal contact design for
greater reliability and lower thermal resistance in
glass hermetically sealed package
Nonsensitive to ESD
Hermetically sealed glass body construction
Specified capacitance (see Figure 3)
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Power dissipation at 25
ºC: 1.5 watts (also see
derating in Figure 1).
Operating and Storage temperature: -65
ºC to
+175
ºC
Thermal Resistance: 60
ºC/W junction to lead at
3/8 (10 mm) lead length from body, or 120
ºC/W
junction to ambient when mounted on FR4 PC
board (1 oz Cu) with 4 mm
2 copper pads and track
width 1 mm, length 25 mm
Steady-State Power: 1.5 watts at TL < 85
oC 3/8
inch (10 mm) from body, or 1.25 watts at TA = 25
ºC
when mounted on FR4 PC board as described for
thermal resistance (also see Figure 1)
Forward voltage @200 mA: 1.2 volts (maximum)
Solder Temperatures: 260
ºC for 10 s (max)
CASE: Hermetically sealed axial-lead glass
package
TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
MARKING: Part number
TAPE & REEL optional: Standard per EIA-296 (add
“TR” suffix to part number)
WEIGHT: 0.4 grams
See package dimensions on last page


Html ページ

1  2  3 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
1N5913BPAxial-Leaded 1.5 Watt Zener Diodes 1 2 3 Microsemi Corporation
JANS1N6490US1.5 WATT ZENER DIODES 1 2 Microsemi Corporation
1N44601.5 WATT GLASS ZENER DIODES 1 2 Microsemi Corporation
1N5913BSILICON 1.5 WATT ZENER DIODES 1 2 3 Microsemi Corporation
1N64851.5 WATT ZENER DIODES 1 2 Compensated Deuices Incorporated
1N6485US1.5 WATT ZENER DIODES 1 2 Compensated Deuices Incorporated
SMBG5913SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT 1 2 Microsemi Corporation
1N64851.5 WATT ZENER DIODES 1 2 Microsemi Corporation
1N66325 WATT ZENER DIODES 1 2 Compensated Deuices Incorporated
1N2846B50 Watt Zener Diodes 1 2 3 4 Microsemi Corporation

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn